Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated AM4964 Datasheet HTML 14Page - Diodes Incorporated AM4964 Datasheet HTML 15Page - Diodes Incorporated AM4964 Datasheet HTML 16Page - Diodes Incorporated AM4964 Datasheet HTML 17Page - Diodes Incorporated AM4964 Datasheet HTML 18Page - Diodes Incorporated AM4964 Datasheet HTML 19Page - Diodes Incorporated AM4964 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
16 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Applications Note (cont.)
Adjustable Voltage
fPWM=25kHz
Low Speed
PWM Variable
High Speed
VMIN
VH=3.6V
VL=2.0V
All Parameters Are Tested under VCC=12V
VCF (T≤TL)
VCF (T≥TH)
FG Output(T
≤T
L)
FG Output(T
≥T
H)
Speed Control and Minimum Speed Setting
Minimum Speed Setting
The minimum speed setting prevents the motor speed dropping below a setting speed when the speed demand is too low (i.e. PWM voltage is
closer to 3.6V)
When the CF pin voltage is higher than the VMIN voltage, the VMIN voltage is compared with the internal triangular wave to generate the output
PWM duty. Therefore, setting the VMIN to certain fixed voltage forces the VMIN to control the speed even when the CF voltage is higher.
If VMIN setting is not used or application does not need to set the minimum speed, connect the VMIN to CF directly.
Rotor Lock Detect and OFF Tme Setting
The capacitor C4 from CT pin to the ground provides the timing for the lock detect and auto-restart. The capacitor C4 is charges and discharged by
the CT pin at a fixed rate depending on the mode of operation (fan operation status) and therefore the value of the C4 to gives lock-detect time
(TLCKDET) and lock time (TOFF) before next auto-start retry.
The AM4964 returns the C4 voltage to the low threshold, VCTL (1.77V), each time the Hall sensor provides the commutation signal. C4 is charged
with ICHG which is typically 2μA. If the voltage on the C4 reaches the high threshold, VCTH (3.7V) before the next Hall signal change, the output will
be shut down and the device will enter lock condition.
C DET
CTH
CT
CHG
The thresholds voltage and charge current are fixed, therefore the tLCKDET time depends only on the value of C4.
C DET
For C4 of 0.47
μF, t
LCKDET is 0.47s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com