Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated AM4964 Datasheet HTML 10Page - Diodes Incorporated AM4964 Datasheet HTML 11Page - Diodes Incorporated AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated AM4964 Datasheet HTML 14Page - Diodes Incorporated AM4964 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
11 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Functional Descriptions (cont.)
CT
– Locked Rotor Timing Capacitor
The CT pin will have a capacitor connected to ground. It is a multi-function pin providing timing for the lock detect and auto-restart. Different
rates of charge and discharge of CT capacitor depending on the mode of operation (fan operation status) give the lock-detect time (tLCKDET) and
lock time (tOFF) before the next auto-start retry. When the motor is running, the capacitor is discharged at every Hall signal change.
CT pin provides the timing for the Locked Rotor monitor. In normal operation, Lock Detect is enabled. If the Hall signal does not change (i.e. a
rotor lock condition) within the Lock Detect time (tLCKDET), the outputs are disabled. In this condition the motor will not be driven for a set time tOFF.
This tOFF time depends on the external CT capacitor value and its internal discharge current (IDHG). After the tOFF period device enters auto-restart
phase to re-start the motor with a new Lock Detect time. If the motor has not turned to generate a transition on the Hall inputs by the end of this
tLCKDET period, the motor re-enters motor lock tOFF period with the outputs disabled. If the Hall signal change is detected, the motor is deemed as
running and goes into lock-detection mode. The tLCKDET and tOFF are determined by the value of the external capacitor on the CT pin and the
internal charge and discharge currents during these time periods. The currents during tLCKDET and tOFF are ICHG, and IDHG respectively.
FG
– Frequency Generator (Tachometer) Output Pin
This is the Frequency Generator output and is a buffered signal from the Hall sensor. This is an open collector drive giving an active pull down
with the high level being provided by an external pull up resistor.
OUT1 and OUT2 Pins
OUT1 and OUT2 pins provide H bridge driver output for fan and motor coil connection.
VCC
– IC Supply voltage
This pin provides the supply for the device.
GND
– Supply Return
This is the device supply ground return pin for control signal.
PGND
–Power Supply Return
This is the device supply ground return pin for power output pins OUT1 and OUT2 and will generally be the most negative supply pin to the fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com