Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 3 Page - Diodes Incorporated

  AM4964 Datasheet HTML 1Page - Diodes Incorporated AM4964 Datasheet HTML 2Page - Diodes Incorporated AM4964 Datasheet HTML 3Page - Diodes Incorporated AM4964 Datasheet HTML 4Page - Diodes Incorporated AM4964 Datasheet HTML 5Page - Diodes Incorporated AM4964 Datasheet HTML 6Page - Diodes Incorporated AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
3 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1,20
NC
Not connected
2
PGND
Power ground
3
OUT2
Fan driver output2
4
VCC
Power supply
5
VMIN
Minimum speed setting pin
6
PWM
PWM pulse input terminal
7
CF
Filter capacitor
8
FG
FG signal output
9
RT
RT signal output
10
TL
Low temperature set resistor
11
IN+
Hall sensor input+
12
HB
Hall bias voltage
13
IN-
Hall sensor input-
14
RADJ
Output pulse duty/input pulse duty adjustable terminal
15
CT
Lock protect and auto start
16
SGND
Signal ground
17
TH
High temperature set resistor
18
TA
Output duty gap adjust pin between low and high temperature at 100% input duty
19
OUT1
Fan driver output1
Exposed pad
Central exposed pad
– The central exposed pad is for thermal dissipation. On PCB layout, the
exposed pad can be connected to GND or remain unconnected to any other signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com