Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 5Page - Diodes Incorporated AM4964 Datasheet HTML 6Page - Diodes Incorporated AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated AM4964 Datasheet HTML 10Page - Diodes Incorporated AM4964 Datasheet HTML 11Page - Diodes Incorporated AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
9 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Functional Descriptions (cont.)
CF
–CF Capacitor Pin
A capacitor is connected to this pin as a filter to translate PWM signal to be stable voltage. The resistors R3 and R4 are connected to CF pin to
adjust the maximum speed at high temperature and low temperature corners.
Adjust the maximum speed vs. input duty to approximately match the target specification using R3 and R4 at low temperature (T<TL, V8<V7);
Measure the fan rotating speed vs. input duty. And draw a curve figure accordingly (Step=5%).
Output PWM Duty vs. R3 and R4 at Low Temperature
Adjust the maximum speed vs. input PWM duty to approximately match the target specification using R3 and R4 at high temperature (T>TH,
V8>V7+0.7V).
Output PWM Duty vs. R3 and R4 at High Temperature
0
20
40
60
80
100
0
20
40
60
80
100
R3=360K
R3=1M
R3 open
Input Duty (%)
0
20
40
60
80
100
0
20
40
60
80
100
R4=150K
R4=390K
R4 open
Input Duty (%)
0
20
40
60
80
100
0
20
40
60
80
100
R3=360K
R3=1M
R3 open
Input Duty (%)
0
20
40
60
80
100
0
20
40
60
80
100
R4=150K
R4=390K
R4 open
Input Duty (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com