Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Notes:
1. Bypassing of the power supply line is required with a 0.1 μF ceramic disc capacitor adjacent to each optocoupler. The total lead length be-
tween both ends of the capacitor and the isolator pins should not exceed 10 mm.
2. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current does not exceed
20 mA.
3. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together.
4. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 VRMS for 1 second (Leakage detec-
tion current limit, II-O ≤ 5 μA).
5. The tPLH propagation delay is measured from 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising edge of the
output pulse.
6. The tPHL propagation delay is measured from 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling edge of the
output pulse.
7. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state (i.e., VOUT >
2.0 V).
8. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state (i.e., VOUT > 0.8
V).
9. For sinusoidal voltages, (|dVCM|/dt)max =
SfCMVCM(p-p).
10. See application section; “Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew” for more information.
11. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the worst case
operating condition range.
Switching Specifications
Over recommended temperature (TA = -40°C to 85°C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
Device
Parameter
Symbol
HCPL-
Min.
Typ.*
Max.
Unit
Test Conditions
Fig.
Note
Propagation
tPLH
20
48
75
ns
TA = 25°C
RL = 350 Ω
6, 7
5
Delay Time
to High
100
CL = 15 pF
8
Output Level
Propagation
tPHL
25
50
75
TA = 25°C
6, 7
6
Delay Time
to Low
100
8
Output Level
Propagation
tPSK
40
10,
Delay Skew
11
Pulse Width
|tPHL - tPLH|
3.5
35
9
10
Distortion
Output Rise
trise
24
Time
10
(10%-90%)
Output Fall
tfall
10
Time
10
(10%-90%)
Common
|CMH|
M600
10,000
V/μs
VCM = 10 V
VO(min) = 2 V
11
7, 9
M601
5,000
10,000
VCM = 50 V
M611
10,000
15,000
VCM = 1000 V
Common
|CMH|
M600
10,000
VCM = 10 V
VO(max) = 0.8 V
11
8, 9
M601
5,000
10,000
VCM = 50 V
M611
10,000
15,000
VCM = 1000 V
*All typicals at TA = 25°C, VCC = 5 V.
Mode Transient
Immunity at High
Output Level
Mode Transient
Immunity at Low
Output Level
RL = 350 Ω
IF = 7.5 mA
TA = 25°C
RL = 350 Ω
IF = 0 mA
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com