Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
5
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External
Tracking (External Creepage)
L(102)
5
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (Option 060)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage
d 150 Vrms
for rated mains voltage
d 300 Vrms
I – IV
I – III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
560
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec,
Partial discharge < 5 pC
VPR
1050
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec,
Partial discharge < 5 pC
VPR
840
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini =10 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event
of a failure.
Case Temperature
Input Current**
Output Power**
TS
IS, INPUT
PS, OUTPUT
150
150
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
:
*
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/
EN/DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
μA
Input Current, High Level
IFH**
5
15
mA
Supply Voltage, Output
VCC
4.5
5.5
V
Fan Out (RL = 1 kΩ)
N
5
TTL Loads
Output Pull-Up Resistor
RL
330
4,000
Ω
Operating Temperature
TA
-40
85
°C
*
The off condition can also be guaranteed by ensuring that VF(off) ≤ 0.8 volts.
** The initial switching threshold is 5mA or less. It is recommended that 6.3mA to 10mA be used for best performance and to permit at least a
20% LED degradation guardband.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com