Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Figure 12. Temperature Coefficient for Forward Voltage
vs. Input Current.
Figure 10. Rise and Fall Time vs. Temperature.
Figure 9. Pulse Width Distortion vs. Temperature.
Figure 8. Propagation Delay vs. Pulse Input Current.
Figure 7. Propagation Delay vs. Temperature.
Figure 11. Test Circuit for Common Mode Transient Immunity and Typical Waveforms.
VCC = 5.0 V
IF = 7.5 mA
100
80
-60
-20
20
60
100
TA – TEMPERATURE – °C
60
80
40
0
-40
0
40
20
tPLH , RL = 4 KΩ
tPLH , RL = 1 KΩ
tPLH , RL = 350 Ω
tPHL , RL = 350 Ω
1 K
Ω
4 K
Ω
VCC = 5.0 V
TA = 25°C
105
90
59
13
IF – PULSE INPUT CURRENT – mA
75
15
11
7
30
60
45
tPLH , RL = 4 KΩ
tPLH , RL = 1 KΩ
tPLH , RL = 350 Ω
tPHL , RL = 350 Ω
1 K
Ω
4 K
Ω
VCC = 5.0 V
IF = 7.5 mA
40
30
-20
20
60
100
TA – TEMPERATURE – °C
20
80
40
0
-40
10
RL = 350 kΩ
RL = 1 kΩ
RL = 4 kΩ
0
-60
-10
-60
0
TA – TEMPERATURE – °C
100
300
-20
40
20
60
-40
0
40
80
60
290
20
VCC = 5.0 V
IF = 7.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
tRISE
tFALL
RL = 350 Ω
0.1
1
10
100
IF – PULSE INPUT CURRENT – mA
-1.4
-2.2
-2.0
-1.8
-1.6
-1.2
-2.4
VO
0.5 V
VO (MIN.)
5 V
0 V
SWITCH AT A: IF = 0 mA
SWITCH AT B: IF = 7.5 mA
VCM
CMH
CML
VO (MAX.)
VCM (PEAK)
VO
+5 V
0.1 μF
BYPASS
+
_
350
Ω
VFF
1
3
6
5
4
B
A
OUTPUT VO
MONITORING
NODE
IF
PULSE
GENERATOR
ZO = 50 Ω
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com