Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 5. Low Level Output Current vs. Temperature.
Figure 4. Output Voltage vs. Forward Input current.
Figure 1. High Level Output Current vs. Temperature.
Figure 2. Low Level Output Voltage vs. Temperature.
Figure 3. Input Diode Forward Characteristic.
Figure 6. Test Circuit for tPHL and tPLH.
-60
0
TA – TEMPERATURE – °C
100
10
15
-20
5
20
VCC = 5.5 V
VO = 5.5 V
IF = 250 μA
60
-40
0
40
80
VCC = 5.5 V
IF = 5.0 mA
0.5
0.4
-60
-20
20
60
100
TA – TEMPERATURE – °C
0.3
80
40
0
-40
0.1
0.2
IO = 16 mA
IO = 12.8 mA
IO = 9.6 mA
IO = 6.4 mA
VF – FORWARD VOLTAGE – VOLTS
10
0.1
0.01
1.10
1.20
1.30
1.40
1.60
1.50
1.0
0.001
100
IF
VF
+
TA = 25°C
–
1
6
2
3
4
5
12
3
4
5
6
IF – FORWARD INPUT CURRENT – mA
RL = 350 Ω
RL = 1 KΩ
RL = 4 KΩ
0
0
VCC = 5 V
TA = 25 °C
-60
0
TA – TEMPERATURE – °C
100
60
80
-20
20
20
VCC = 5.0 V
VOL = 0.6 V
60
-40
0
40
80
40
IF = 10 mA, 15 mA
IF = 5.0 mA
OUTPUT VO
MONITORING
NODE
1.5 V
tPLH
tPHL
IF
INPUT
VO
OUTPUT
IF = 7.5 mA
IF = 3.75 mA
+5 V
IF
RL
RM
0.1μF
BYPASS
*CL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
INPUT
MONITORING
NODE
PULSE GEN.
ZO = 50 Ω
tf = tr = 5 ns
VCC
GND
1
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com