Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
These small outline high CMR, high speed, logic gate
optocouplers are single channel devices in a five lead
miniature footprint. They are electrically equivalent to
the following Avago optocouplers (except there is no
output enable feature):
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M600
6N137
HCPL-0600
HCPL-M601
HCPL-2601
HCPL-0601
HCPL-M611
HCPL-2611
HCPL-0611
The SO-5 JEDEC registered (MO-155) package outline
does not require “through holes” in a PCB. This package
occupies approximately one fourth the footprint area of
the standard dual-in-line package. The lead profile is de-
signed to be compatible with standard surface mount
processes.
The HCPL-M600/01/11 optically coupled gates combine
a GaAsP light emitting diode and an integrated high
gain photon detector. The output of the detector I.C.
is an Open-collector Schottky-clamped transistor. The
internal shield provides a guaranteed common mode
transient immunity specification of 5,000 V/μs for the
HCPL-M601, and 10,000 V/μs for the HCPL-M611.
This unique design provides maximum ac and dc circuit
isolation while achieving TTL compatibility. The optocou-
pleracanddcoperationalparametersareguaranteedfrom
–40°C to 85°C allowing trouble free system performance.
HCPL-M600, HCPL-M601, HCPL-M611
Small Outline, 5 Lead, High CMR,
High Speed, Logic Gate Optocouplers
Data Sheet
Features
x Surface Mountable
x Very Small, Low Profile JEDEC Registered Package
Outline
x Compatible with Infrared Vapor Phase Reflow and
Wave Soldering Processes
x Internal Shield for High Common Mode Rejection (CMR)
HCPL-M601: 10,000 V/μs at VCM = 50 V
HCPL-M611: 15,000 V/μs at VCM = 1000 V
x High Speed: 10 Mbd
x LSTTL/TTL Compatible
x Low Input Current Capability: 5 mA
x Guaranteed ac and dc Performance over Temperature:
–40°C to 85°C
x Safety and regulatory approvals:
-
UL recognized: 3750 Vac for 1 min. per U.L.
(File No. 55361)
-
CSA component acceptance Notice #5
-
IEC/EN/DIN EN 60747-5-2 approved for HCPL-M601/
M611 Option 060.
x Lead Free Option
Applications
x Isolated Line Receiver
x Simplex/Multiplex Data Transmission
x Computer-Peripheral Interface
x Microprocessor System Interface
x Digital Isolation for A/D, D/A Conversion
x Switching Power Supply
x Instrument Input/Output Isolation
x Ground Loop Elimination
x Pulse Transformer Replacement
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component's
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in
handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-M601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M601 HP-HCPL-M601 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M601 AVAGO-HCPL-M601 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601 AVAGO-HCPL-M601 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-M601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com