Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
≥5
mm
Measured from input terminals
(Clearance)
to output terminals
Min. External Tracking Path
L(IO2)
≥5
mm
Measured from input terminals
(Creepage)
to output terminals
Min. Internal Plastic Gap
0.08
mm
Through insulation distance
(Clearance)
conductor to conductor
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group DIN VDE 0109
Electrical Specifications
Over recommended temperature (TA = -40°C to 85°C) unless otherwise specified. (See note 1.)
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input Threshold
ITH
2
5
mA
VCC = 5.5 V, IO ≥13 mA,
13
Current
VO = 0.6 V
High Level Output
IOH
5.5
100
μA
VCC = 5.5 V, VO = 5.5 V
1
Current
IF = 250 μA
Low Level Output
VOL
0.4
0.6
V
VCC = 5.5 V, IF = 5 mA,
2, 4,
Voltage
IOL (Sinking) = 13 mA
5, 13
High Level Supply
ICCH
4
7.5
mA
VCC = 5.5 V, IF = 0 mA,
Current
Low Level Supply
ICCL
6
10.5
mA
VCC = 5.5 V, IF = 10 mA,
Current
Input Forward
VF
1.4
1.75
V
TA = 25°C, IF=10 mA
3
Voltage
1.5
1.3
1.85
IF = 10 mA
Input Reverse
BVR
5
IR = 10 μA
Breakdown Voltage
Input Capacitance
CIN
60
pF
VF = 0V, f = 1 MHz
Input Diode
∆VF/∆TA
-1.6
mV/°C
IF = 10 mA
12
Temperature
Coefficient
Input-Output
VISO
3750
VRMS
RH ≤ 50%, t = 1 min.
3, 4
Insulation
Resistance
RI-O
1012
Ω
VI-O = 500 V
3
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
3
(Input-Output)
*All typicals at TA = 25°C, VCC = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com