Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M601 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Figure 15. Illustration of Propagation Delay Skew
– tPSK.
Figure 13. Input Threshold Current vs. Temperature.
Figure 14. Recommended TTL/LSTTL to TTL/LSTTL Interface Circuit.
Figure 16. Parallel Data Transmission Example.
-60
0
TA – TEMPERATURE – °C
100
4
5
-20
2
20
60
-40
0
40
80
3
VCC = 5.0 V
VO = 0.6 V
1
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω
6
VCC1
GND 1
470
SHIELD
* DIODE D1 (1N916 OR EQUIVALENT) IS NOT REQUIRED
FOR UNITS WITH OPEN COLLECTOR OUTPUT.
6
5
4
390
Ω
0.1 μF
BYPASS
GND 2
VCC 2
1
3
*D1
5 V
5 V
IF
VF
2
1
50%
1.5 V
IF
VO
50%
IF
VO
tPSK
1.5 V
DATA
tPSK
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
tPSK
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved. Obsoletes AV01-0562EN
AV02-0941EN - February 23, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com