Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DIE-R-BNC-PT Datasheet HTML 11Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 12Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 13Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 14Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 15Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 16Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 17Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 18Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
22
innovative
solutions
I superior quality
Or dering
Information
XLR
Chassis
Connectors
Or dering Information for Cable Connectors
Female
Male
Shell
Contact - plating
3 pole
4 pole
5 pole
6 pole
7 pole
NC*FX
NC*MX
Nickel
Silver
NC*FX-B
NC*MX-B
Black Cr
Gold
NC*FX-BAG
NC*MX-BAG
Black Cr
Silver
NC3FX-**-D1
NC3MX-**-D1
Nickel / Black Cr
Silver / Gold
-
-
-
-
NC6FSX2
NC6MSX2
Nickel
Silver
-
-
-
-
NC6FSX-B2
NC6MSX-B2
Black Cr
Gold
-
-
-
-
NC6FSX-BAG2
NC6MSX-BAG2
Black Cr
Silver
-
-
-
-
NC*FX-HD
NC*MX-HD
Nickel
Gold
-
-
NC3FX-HD-B
NC3MX-HD-B
Metal Black
Gold
-
-
-
-
X Series
X-HD Series
NC3FXCC
NC3MXCC
Nickel
Gold
-
-
-
-
XCC Series
NC3FXS
-
Nickel
Gold
-
-
-
-
NC3FXS-B
-
Black Cr
Gold
-
-
-
-
FXS Series
NC3FX-SPEC
-
Black Cr
Gold
-
-
-
-
FX-SPEC Series
Accessories and Assembly T ools
Detailed information on page 31 and 36.
* : Number of Contacts
**: Nickel or Black
–D1: Bulk packed, to be ordered in multiples of 100 pcs.
2 :
Switchcraft Equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com