Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DIE-R-BNC-PT Datasheet HTML 20Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 21Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 22Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 23Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 24Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 25Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 26Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 27Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
31
www.neutrik.com
XLR
Chassis
Connectors
Accessories
BSX-*
Colored bushing for X Series
BXX-*
Colored bushing for XX Series
XCR-*
Colored coding ring for X Series
XXR-*
Colored coding ring for XX Series
ACRF-*
Colored ring for female 4 + 5 pole A Series
and 3 pole BA Series
ACRM-*
Colored ring for male 4 + 5 pole A Series
and 3 pole BA Series
DSS-*
Lettering plate for D Series
A-Screw-1-8 Plastite® screw 2.9 x 8
B-Screw-1-8 TAPTITE® screw 2.5 x 8
DBA
Dummy-plate for D Series panel cut outs
FDR1
Round panel mounting flange for NC3FDX-EMC-SPEC
HA-3FXX
Set of 50 female spare contacts for crimp XLR
HA-3MXX
Set of 50 male spare contacts for crimp XLR
MFD
M3 mounting frame for D-size chassis
ND*
dummyPLUG for female / male XLR chassis connector
NZP1RU-8
Panel 1RU with 8 D-shape housing cutouts
NZP1RU-12 Panel 1RU with 12 D-shape housing cutouts
SC*
Rubber sealing cap for female and male XLR receptacles
SCDP-*
D-Size sealing gaskets, color coding (*: 0- black, 2- red, 4- yellow, 5- green, 6- blue, 9- white)
SCDR
Rear end protection cover for D-size chassis connectors
SCDX
Hinged cover seals D-size chassis connectors, IP42 rated
SFAV
Rubber frame for A / B Series to mount between front plate and rear vertical print
BXX-CR
Bushing with translucent coding ring
BXX-14
Large bushing set (cable O.D. 8.5 mm)
XXCR
Translucent coding ring for XX Series (Label Dimensions: 57.9 mm x 6.35 mm - 2.25" W x 0.25" H)
Colour Coded Accessories
Part No. Description
Black
Brown
Red
Orange Yellow
Green
Blue
Violet
Grey
White
0
1
2
3
4
5
6
7
8
9
XLR Cable Connectors
XLR Chassis Connectors
Accessories
XLR Cable Connectors
XLR Chassis Connectors
Example
XXCR
BXX-CR
SCDR
NZP1RU-12
SCDX
SFAV
SCDP-*
Example
Example
Example
A Screw
B Screw
DBA
FDR1
MFD
NDF
NDM
SCF
SCM
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com