Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DIE-R-BNC-PT Datasheet HTML 5Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 6Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 7Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 8Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 9Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 10Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 11Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 12Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
16
NC3FXX-HD-D
NC3FXX-HD-D
NC3MXX-HD-D
NC3FX
NC3MX + BSX-5
NC*FX
NC*MX
NC3MXX-HD-B-D
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
XX-HD Series
Rubber sealing
protection
Neutrik original
design
• The XLR connector standard worldwide
• Available in 3 - 7 pin configurations including 6 pin
Switchcraft® configuration
• Assembly is quick and easy – no screws or special tools
required
• Unique Neutrik chuck type internal strain relief
• Female shell has rubber ring for secure mating to male XLR
or microphone
• Sleek profile and compact design
• Rugged diecast shell
• UL Recognized components
• "Heavy duty" cable connector for outdoor use
• Rubber sealing jacket protects against water ingress and
mechanical shock
• Dust and water resistant according IP 67 in mated condition
• NC3FXX-HD mates with NC3MPR-HD chassis connector
and NC3MXX-HD cable connector
• Gold contacts
• Chuck type strain relief system for secure clamping of cables
• Rugged zinc diecast shell, longlasting and dependable
*: 3 - 7 contacts
X Series
Female locking
Male metal locking
window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com