Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DIE-R-BNC-PT Datasheet HTML 21Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 22Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 23Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 24Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 25Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 26Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 27Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 28Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
36
HTXP
BTXX
HX-R-BNC
DIE-R-BNC-PT
innovative
solutions
I superior quality
Or dering
Information
A / AA / B / BA Series
D / DL / DLX Series
P Series Female
P Series Male
Combo
MPR Series
HTXP
Hand tool to tighten the XX and PX-bushing
BTXX
Assembly fixture to tightening the XX-bushing
HX-R-BNC
Crimp tool for XCC Series
DIE-R-BNC-PT
Crimp die for XCC Series (6.5 mm HEX)
DIE-R-HA-1
Crimp die for XX-HA Series
Assembly T ools
NC*FP-1
Nickel
Silver
    
NC*MP
Nickel
Silver
   
-
NC*FP-B-1
Black Cr Gold
    
NC*MP-B
Black Cr Gold
   
-
NC*FP-BAG-1
NC*MP-BAG
Black Cr Silver
   
-
-
NC*MPR-HD
Nickel
Gold
  
- -
Female
Male
Shell Contact 3 4 5 6 7
pole pole pole pole pole
MPR-HD Series
P Series
EMC XLR
NC3FDX-EMC-SPEC
Black Cr
Gold
-
-
- -
Accessories
FDR-1
Black round panel mounting flange
with screws for larger panel cut-outs
Panel Cutouts
NCJ*FI-H
Black plastic
Gold
  
NCJ*FI-H-0
Black plastic
Gold
  
NCJ*FI-S
Black plastic
Gold
  
NCJ*FI-S-0
Black plastic
Gold
  
NCJ*FI-V
Black plastic
Gold
  
NCJ*FI-V-0
Black plastic
Gold
  
Contact #
1
2
3
T
R
S
TN RN SN G
GN
NCJ5FI-*
x
x
x
x
x
x
NCJ6FI-*
x
x
x
x
x
x
x
NCJ9FI-*
x
x
x
x
x
x
x
x
x
x
NCJ10FI-*
x
x
x
x
x
x
x
x
x
x
x
Combo A Series
Shell
Contact
5 6 9 10
pole pole pole pole
Combo Series
NCJ6FA-H
Black plastic
Gold
- -
-
NCJ6FA-H-0
Black plastic
Gold
- -
-
NCJ6FA-V
Black plastic
Gold
- -
-
NCJ6FA-V-0
Black plastic
Gold
- -
-
Or dering Information for Receptacles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com