Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DIE-R-BNC-PT Datasheet HTML 2Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 3Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 4Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 5Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 6Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 7Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 8Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 9Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
13
NC*MRX
NC*FRX
NC3FRX-BAG
NC3FXX-HE
NC3MXX-HE
NC3FXX-HE
NC3MXX-HE
www.neutrik.com
• Right angle version of the XX Series - only 20 mm wide
• Extra slim right-angle connector
• Neutrik chuck type strain relief
• 5 selectable cable outlet positions
*: 3 - 7 contacts
• Exclusive "High End" version of standard XX Series
• Premium velour chromium plating provides soft satin finish
• Extra high temperature resistant insulator material rated
to 280°C (536°F), flammability UL94V-0
• Machined female contacts standard
• Insert is dark grey to distinguish it from standard XX-Series
insulators
• Flammability UL 94V-0
Outlet position
XLR
Cable
Connectors
XLR
Cable
Connectors
RX Series
XX-HE Series
Right angle male
connector
High temperatur
resistant insulator
Velour chromium
housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com