Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DIE-R-BNC-PT Datasheet HTML 1Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 2Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 3Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 4Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 5Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 6Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 7Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 8Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
12
NC*FXX
NC*MXX
NC3FXX
NC6MXX-B
NC3FXX-EMC
NC3MXX-EMC
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
cable shield
ground contacts
signalcontacts
ferritebead
connector shell
3
2
1
• The next generation of the worldwide accepted standard
• Unique cage type female contact - increases conductivity
• Female contact with “solder stop” for ease soldering
• Male connector without locking “window” - more robust
housing, increases durability
• Improved chuck type strain relief - increases retention force
and makes assembly easier and faster
• New ground contact - excellent contact integrity between
chassis and cable connector
• Customized branding using translucent ring
• Sleek and ergonomic design - valuable and handy
• Unique hologram – guarantees genuineness and protects
against counterfeits
• Internal thread on shell is well protected against any
damage
• 3-pole male / female XLR cable connector with integrated
capacitive shield to shell connection to avoid RF-interference
and LF-noise
• 360° shield contact on female connector ensures best
possible shielding and chassis contact
• Patent
Ergonomic latch
design
Design guarantees a continuous RF-shield connection but avoids ground
loops (no LF-shield connection)
Circular capacitor enables low-inductive shield connection to connector
housing
Cable shield - PIN 1 connection includes EMI suppression bead (blocks
high frequencies)
XX Series
EMC-XLR Series
*: 3 - 7 contacts
Contact #1
Connector shell
Cable shield
Inductance
Annular capacitor
2
3
Inside view
Circumferential ground shield
contact
Neutrik hologram
1
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com