Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-BNC-PT Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DIE-R-BNC-PT
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-BNC-PT Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DIE-R-BNC-PT Datasheet HTML 19Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 20Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 21Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 22Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 23Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 24Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 25Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 26Page - List of Unclassifed Manufacturers DIE-R-BNC-PT Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
30
NCJ6FA-V
NCJ6FA-H-0
NCJ6FA-V-0
NCJ6FA-V
NCJ6FA-H
innovative
solutions
I superior quality
XLR
Chassis
Connectors
Accessories
• Combined 3 pole XLR receptacle and 1/4“ phone jack for bal-
anced mic and line or instrument inputs in one XLR housing
• Dramatic space saving - 15% over the predecessor Combo
• Two connectors in one housing - substantial cost, material
and labour saving
• Horizontal and vertical PCB mount available
• 3 pole female XLR combined with stereo TRS jack
• Very low conductor capacitance - ideal for digital audio
• Front panel cut-out compatible with Neutrik XLR A Series
• Branded with unique hologram - guarantees genuine and
authentic Neutrik product
Combo A Series
NCJ6FA-V
NCJ6FA-H
Horizontal PCB
mount
Vertical PCB mount
Hologram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com