Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
17
NC3FXCC
NC3MXCC
NC5FX-HD
NC4MX-HD
NC*FX-HD
NC*MX-HD
NC3FXCC
www.neutrik.com
XLR
Cable
Connectors
XLR
Cable
Connectors
• Coaxial ground spring and hex crimp ferrule at cable
entrance allows continuous (360°) ground connection to
the shell which is essential when transmitting low level
audio signals
• Includes Zebra coding ring to indicate digital AES signals
• Ground contact uses 6.5 mm (.255") size "E" hex crimp
(IEC 60803). Use part # HX-R-BNC with DIE-R-BNC-PT
XCC Series
Coding ring
• "Heavy duty" cable connectors for outdoor use
• All metal design, male stainless steel
• NC*FX-HD mates with NC*MPR-HD chassis connector and
NC*MX-HD
• Dust and water ressistant according IP 65 in mated condition
• Available in 3 - 5 pin configuration
• Metal bushing including O-ring
*: 3 - 5 contacts
X-HD Series
Rubber sealing
protection
Metal bushing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com