Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 21Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 22Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 23Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 24Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 25Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 26Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 27Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 28Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
33
www.neutrik.com
T echnical
Data
T echnical
Data
Number of contacts
3 - 5
3 - 7 (6*)
5 - 10
3 / 3
Contact resistance
≤ 6 m
Ω
≤10 m
Ω
≤10 m
Ω
Insulation resistance - initial: > 2 G
Ω
- after damp heat test: > 1 G
Ω
>500 M
Ω
Dielectric strength
1500 V dc
Rated voltage
50 V ac
Rated current per contact
3 pole: 6 A
16 A
16 A
-
3 A
4 pole: 6 A
10 A
10 A
-
-
5, 6 pole: 3 A
7.5 A
7.5 A
-
-
7 pole: 5 A
-
-
-
Combo XLR + Jack contact
7.5 A
-
-
Capacitance between contacts
3 pole: ≤ 7 pF
≤ 4 pF
≤ 4 pF
≤ 2 pF
≤ 2 pF
4, 5, 6 pole: ≤ 7 pF
-
-
7 pole: ≤ 9 pF
-
-
-
Lifetime > 1`000 mating cycles
Insertion / withdrawal force
≤ 20 N
25 N
Retention method
- standard: latch lock
(XLR)
(XLR)
- "0" Version: ≥ 20 N separating force
25 N
25 N
Insert
Polyamide PA 6.6 30% GR
Shell
Zinc diecast ZnAI4Cu1
-
-
Shell plating
gal Ni or black Cr
Ni
-
-
Ring
Zinc diecast ZnAI4Cu1
-
-
-
-
Contacts
- female 3 pole: Bronze CuSn6
-
4 - 5 pole: Bronze CuSn6
-
-
-
-
4 - 7 pole: Brass CuZn39Pb3
-
-
-
- male: Brass CuZn35Pb2
-
-
Contact surface
gal 0.2 µm AuCo over 2 µm NiP15 (Tribor®)
-
-
gal 2 µm Ag or gal 0.2 µm Au hard alloy over 2 µm Ni
Au
-
-
Latch lock & spring
Ck 67 steel, treated
-
* : P Series male 3 - 6 pole
Operating temperature
-30°C to +80°C
Protection class
IP 40
IP 65
Flammability
UL 94 HB
UL 94 V-0
-
-
-
-
Solderability complies with IEC 68-2-20
Mounting screw
-
-
A
A
Color coding
-
-
-
-
Specification
MPR-HD
P
Combo
A
Series
Series
Series
Combo
Electrical
Mechanical
Material
Envir onmental



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com