Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 16Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 17Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 18Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 19Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
23
NC5FAV
NC3MAV-0
NC5FAH
NC3FAAH
NC3FAAV-0
NC5MAH
NC3FAH
NC3MAV
NC3FAAV2
NC3MAAH-1
www.neutrik.com
Grounding Options (A / AA / B / BA Series):
Female:
1: Pin 1 & Panel & Shell connected, no separate ground contact
2: Separate ground contact connected to shell & panel, separate Pin 1
w/o number: No ground / Shell contact (except 4 / 5 pole)
Male:
w/o number: Separate ground contact connected to shell & panel,
separate Pin 1
0: Separate ground contact, connected to shell, separate Pin 1
1: Pin 1 & Panel & Shell connected, no separate ground contact
• Smallest XLR receptacles, highest packing density
• Plastic housing, steel retention lug
• Various grounding options
• "Tulip"type female contact design with high contact pressure
• Selective gold plated contact and PCB termination area for
best conductivity and solderability
• Plastic housing flammability UL 94V-0
• Front panel cutout and PCB layout 100% compatible to the
A Series
• Most cost-effective series
• "Tulip"type female contact design with high contact pressure
• Selective gold plated contact and PCB termination area for
best conductivity and solderability
• Plastic housing flammability UL 94 HB
Or dering
Information
XLR
Chassis
Connectors
A Series
AA Series
Colored coding ring
Locking release tab
Lateral right PCB
mount
Ground contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com