Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
18
NC3FXS
NC3FX-SPEC
NC3FXS
NC3FXS-B
NC3FX-SPEC
innovative
solutions
I superior quality
• Available exclusively in a 3 pin female configuration
• Features a noiseless ON/OFF switch which shorts pins
2 and 3 together muting the signal voltage between
conductors
• For use with a microphone that does not have its own
On/Off switch
• Rugged zinc diecast shell, long lasting and durable
• Chuck type strain relief system for secure clamping of
cables
• Boot with rubber gland gives high protection against
bending stresses
• Available in a 3 pin female standard configuration with
Gold plated contacts
• Features a locking ring which is secured with a M2.5 screw
and 1.27 mm allen wrench
• Offers the highest security protection for your microphones
• Protects against accidental disconnects and theft
• Black chrome housing and locking ring
• Eliminates movements and noises
FXS Series
FX-SPEC Series
Switch activating ring
Locking ring
XLR
Cable
Connectors
T echnical
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com