Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 21Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 22Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 23Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 24Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 25Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 26Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 27Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 28Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
34
innovative
solutions
I superior quality
Or dering
Information
Or dering
Information
NC*FAH-D
Black Plastic Gold
-
1)
1)
NC*MAH
Black Plastic Gold
NC*FAH-0
Black Plastic Gold
1)
1)
NC3MAH-0
Black Plastic Gold
-
-
NC3FAHL-0
Black Plastic Gold
-
-
NC3FAHR-0
Black Plastic Gold
-
-
NC3FAH1-D
NC3MAH-1
Black Plastic Gold
-
-
NC3FAH1-0
Black Plastic Gold
-
-
NC3FAHL1-D
Black Plastic Gold
-
-
NC3MAHL
Black Plastic Gold
-
-
NC3FAHL1-0
Black Plastic Gold
-
-
NC3FAHR1-D
Black Plastic Gold
-
-
NC3MAHR
Black Plastic Gold
-
-
NC3FAHR1-0
Black Plastic Gold
-
-
NC3FAH2-D
Black Plastic Gold
-
-
NC3FAH2-0
Black Plastic Gold
-
-
NC3FAHR2-D
Black Plastic Gold
-
-
NC3FAHR2-0
Black Plastic Gold
-
-
NC*FAV-D
Black Plastic Gold
-
1)
1)
NC*MAV
Black Plastic Gold
NC*FAV-0
Black Plastic Gold
1)
1)
NC3MAV-0
Black Plastic Gold
-
-
NC3FAV1-D
NC3MAV-1
Black Plastic Gold
-
-
NC3FAV1-0
Black Plastic Gold
-
-
NC3FAV2-D
Black Plastic Gold
-
-
NC3FAV2-0
Black Plastic Gold
-
-
NC3FAY-D
NC3MAY
Black Plastic Gold
-
-
NC3FAY-0
Black Plastic Gold
-
-
NC5FAV-SW-D NC5MAV-SW
Black Plastic Gold
-
-
NC3FAAH
NC3MAAH
Black Plastic
Gold
NC3FAAH-0
Black Plastic
Gold
NC3FAAH1
NC3MAAH-1
Black Plastic
Gold
NC3FAAH1-0
Black Plastic
Gold
NC3MAAH-0
Black Plastic
Gold
NC3FAAH2
Black Plastic
Gold
NC3AAH2-0
Black Plastic
Gold
NC3FAAV
NC3MAAV
Black Plastic
Gold
NC3FAAV-0
Black Plastic
Gold
NC3FAAV1
NC3MAAV-1
Black Plastic
Gold
NC3FAAV1-0
Black Plastic
Gold
NC3MAAV-0
Black Plastic
Gold
NC3FAAV2
Black Plastic
Gold
NC3FAAV2-0
Black Plastic
Gold
A Series - D version come with disassembled Push latch, version with
assembled latch omit -D.
AA Series comes with Push Latch assembled.
A / AA Series rear mount only, all PCB mount except Y version = IDC
1)
: Grounding Option "2"
0: Retention Spring
Or dering Information for Receptacles
Female
Male
Shell
Contact
3
4
5
pole
pole
pole
A Series
AA Series
Female
Male
Shell
Contact
3
pole
Gr ounding Options
: Contact to shell of mating connector
: Connection to frontpanel by fastening screw
Shell*
Frontpanel*
Female
Male
Shell*
Frontpanel*
Ground
Shell*
Frontpanel*
Pin 1
"1"
"2"
A / AA Series and B / BA Series
w/o number
"0"
"1"
Pin 1
Shell*
Frontpanel*
Pin 1
Ground
Shell*
Frontpanel*
Pin 1
Ground
Shell*
Frontpanel*
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com