Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 16Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 17Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 18Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 19Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 20Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 21Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 22Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
26
NC3FD-L-1
NC7MD-L-B-1
NC3FD-L-1
NC3MD-L-1
NC*FDM3-H
NC*MDM3-H
NC3FD-LX
NC3FD-LX-HE
NC5MD-LX
NC*MD-LX
innovative
solutions
I superior quality
XLR
Chassis
Connectors
XLR
Chassis
Connectors
• Unified "D" metal shell
• Solder cups on 3 - 7 pole version
• Additional PCB mount on 4 and 5 pole
• Front and rear mountable
• Next generation of the popular DL Series with greater
functionality
• All metal housing works in combination with a new duplex
ground contact yielding the best RF protection and ground
conductivity in a chassis mount XLR
• Male connector’s retention bar replaces plastic design with
all metal version
• Unique cage type female contacts on 3 pole version for
increased conductivity
• Machined male and female contacts on four to seven pin
versions
• D-style housing provides installation compatibility with
industry standard D mounting dimensions
DL Series
DLX Series
Locking release tab
Horizontal PCB
mount
Ground shielding
*: 3 - 7 contacts
*: 3 - 5 contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com