Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIE-R-HA-1 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DIE-R-HA-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIE-R-HA-1 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DIE-R-HA-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers DIE-R-HA-1 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
19
www.neutrik.com
Shell
Zinc diecast (ZnAI4Cu1)
-
Stainless steel
-
-
-
-
-
-
-
Shell plating
gal Ni or black Cr
gal Ni
-
velour Cr
Insert
Polyamide PA 6.6 30% GR
PPS 40% GR
Contacts
- female 3 pole: Bronze (CuSn8)
- female 4 - 7 pole & male: Brass (CuZn39Pb3)
-
-
Contact surface
Silver gal 2 µm Ag
-
-
-
-
Gold gal 0.2 µm Au hard alloy over 2 µm Ni
-
Latch lock St3K32 (latch) / Ck 67 (spring)
-
-
-
-
-
-
-
Zinc diecast (ZnAI4Cu1) / CK67 (Spring)
Strain-relief clamp
POM
Bushing
PA / PU
Circumferential ground spring Bronze (CuSn6), Ni plated
-
-
-
-
-
-
Crimp ferrule
Brass (CuZn39Pb3), Ni plated
-
-
-
-
-
-
-
Coding ring
Polyamide PA 6 15% GR
-
-
-
-
-
-
-
Sealing jacket
EPDM
-
-
-
-
-
-
Securing ring
Brass (CuZn39Pb3)
-
-
-
-
-
-
-
Lifetime > 1`000 cycles
Insertion / withdrawal force ≤ 20 N
Cable O.D. range
3.5 - 8.0 mm
2)
6.0 - 8.0 mm
Max. wire size
3 pole: 2.5 mm2 / AWG 14
AWG 20
-
4 pole: 1.5 mm2 / AWG 16
-
-
-
-
-
5, 6, 7 pole: 1.0 mm2 / AWG 18
-
-
-
-
-
Crimp tool: 6.5 mm Hex die (size "E" acc. to IEC 60352-2)
-
-
-
-
-
-
Crimp XX:
0.22 - 0.34 mm2 / AWG 24 - 22
-
-
-
-
-
Number of contacts
3 - 7 1)
3
3
3
3 - 7
3
3
Contact resistance
≤ 3 mΩ
Insulation resistance - initial: > 2 G
Ω
- after damp heat test: > 1 G
Ω
Dielectric strength
1.5 kV dc
Cable shield-shell connection choosable
-
determined
-
capacitive
-
-
-
-
-
Shielding effectiveness
> 55 dB @ 1.3 GHz
-
-
-
-
-
-
Lossy ferrite bead on PIN 1
-
-
-
-
-
-
Rated current per contact @ 35°C
3 pole: 16 A
5 A
1 A
4 pole: 10 A
-
-
-
-
-
5, 6 pole: 7.5 A
-
-
-
-
-
7 pole: 5 A
-
-
-
-
-
Capacitance between contacts
3 pole: ≤ 4 pF
4, 5, 6 pole: ≤ 7 pF
-
-
-
-
-
7 pole: ≤ 9 pF
-
-
-
-
-
Rated Voltage
50 V ac
Operating temperature
-30°C to +80°C
Flammability
UL 94 HB
V-0
Protection class
IP 40
IP 67
Solderability complies with IEC 68-2-20
Manufacturing Standard IEC 61076-2-103
Specification
XX &
EMC
XX-HD
XX-HE
RX
XX Crimp convert-
XX-14 &
Series
Series
Series
Series
Series
CON
CRYSTAL
Series
Electrical
Mechanical
Material
Envir onmental
1) : XX-14, CRYSTAL: 3 pole
2) : XX-14: Cable O.D. 8.0 - 10.0 mm
XLR
Cable
Connectors
T echnical
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com