Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS8341_14 Datasheet HTML 12Page - Texas Instruments ADS8341_14 Datasheet HTML 13Page - Texas Instruments ADS8341_14 Datasheet HTML 14Page - Texas Instruments ADS8341_14 Datasheet HTML 15Page - Texas Instruments ADS8341_14 Datasheet HTML 16Page - Texas Instruments ADS8341_14 Datasheet HTML 17Page - Texas Instruments ADS8341_14 Datasheet HTML 18Page - Texas Instruments ADS8341_14 Datasheet HTML 19Page - Texas Instruments ADS8341_14 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADS8341
16
SBAS136D
NOISE
The noise floor of the ADS8341 itself is extremely low, as
can be seen from Figures 10 thru 13, and is much lower than
competing A/D converters. The ADS8341 was tested at both
5V and 2.7V and in both the internal and external clock
modes. A low-level DC input was applied to the analog
input pins and the converter was put through 5,000 conver-
sions. The digital output of the A/D converter will vary in
output code due to the internal noise of the ADS8341. This
is true for all 16-bit SAR-type A/D converters. Using a
histogram to plot the output codes, the distribution should
appear bell-shaped with the peak of the bell curve represent-
ing the nominal code for the input value. The
±1σ, ±2σ, and
±3σ distributions will represent the 68.3%, 95.5%, and
99.7%, respectively, of all codes. The transition noise can be
calculated by dividing the number of codes measured by 6
and this will yield the
±3σ distribution or 99.7% of all codes.
Statistically, up to 3 codes could fall outside the distribution
when executing 1000 conversions. The ADS8341, with < 3
output codes for the
±3σ distribution, will yield a < ±0.5
LSB transition noise at 5V operation. Remember, to achieve
this low noise performance, the peak-to-peak noise of the
input signal and reference must be < 50
µV.
FIGURE 10. Histogram of 5,000 Conversions of a DC Input at the
Code Transition, 5V operation external clock mode.
FIGURE 11. Histogram of 5,000 Conversions of a DC Input at the
Code Center, 5V operation internal clock mode.
FIGURE 12. Histogram of 5,000 Conversions of a DC Input at the
Code Transition, 2.7V operation external clock mode.
FIGURE 13. Histogram of 5,000 Conversions of a DC Input at the
Code Center, 2.7V operation internal clock mode.
AVERAGING
The noise of the A/D converter can be compensated by
averaging the digital codes. By averaging conversion results,
transition noise will be reduced by a factor of 1/
√n, where n
is the number of averages. For example, averaging 4 conver-
sion results will reduce the transition noise by 1/2 to
±0.25
LSBs. Averaging should only be used for input signals with
frequencies near DC.
For AC signals, a digital filter can be used to low-pass filter
and decimate the output codes. This works in a similar
manner to averaging; for every decimation by 2, the signal-
to-noise ratio will improve 3dB.
4606
194
0
0
200
7FFC
7FFE
7FFF
8000
8001
Code
0
0
7FFC
7FFE
7FFF
4614
8000
8001
Code
203
183
31
683
3619
638
29
7FFD
7FFE
7FFF
8000
8001
Code
3572
586
790
22
30
7FFD
7FFE
7FFF
8000
8001
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com