Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8341_14 Datasheet HTML 1Page - Texas Instruments ADS8341_14 Datasheet HTML 2Page - Texas Instruments ADS8341_14 Datasheet HTML 3Page - Texas Instruments ADS8341_14 Datasheet HTML 4Page - Texas Instruments ADS8341_14 Datasheet HTML 5Page - Texas Instruments ADS8341_14 Datasheet HTML 6Page - Texas Instruments ADS8341_14 Datasheet HTML 7Page - Texas Instruments ADS8341_14 Datasheet HTML 8Page - Texas Instruments ADS8341_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADS8341
5
SBAS136D
TYPICAL CHARACTERISTICS: +5V
At TA = +25°C, +VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1.001kHz, –0.2dB)
050
20
10
40
30
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.985kHz, –0.2dB)
050
20
10
40
30
Frequency (kHz)
SPURIOUS-FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
100
90
80
70
60
–100
–90
–80
–70
–60
SFDR
THD(1)
(1) First Nine Harmonics
of the Input Frequency
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
Temperature (
°C)
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
CHANGE IN SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
25
100
–50
–25
0
50
75
f
IN = 9.985kHz, –0.2dB
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
100
90
80
70
60
SNR
SINAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com