Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS8341_14 Datasheet HTML 11Page - Texas Instruments ADS8341_14 Datasheet HTML 12Page - Texas Instruments ADS8341_14 Datasheet HTML 13Page - Texas Instruments ADS8341_14 Datasheet HTML 14Page - Texas Instruments ADS8341_14 Datasheet HTML 15Page - Texas Instruments ADS8341_14 Datasheet HTML 16Page - Texas Instruments ADS8341_14 Datasheet HTML 17Page - Texas Instruments ADS8341_14 Datasheet HTML 18Page - Texas Instruments ADS8341_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADS8341
15
SBAS136D
FIGURE 8. Supply Current versus Directly Scaling the Fre-
quency of DCLK with Sample Rate or Keeping
DCLK at the Maximum Possible Frequency.
FIGURE 9. Supply Current versus State of CS.
10k
100k
1k
1M
f
SAMPLE (Hz)
100
10
1
1000
f
CLK = 2.4MHz
f
CLK = 24 • fSAMPLE
T
A = 25°C
+V
CC = +2.7V
V
REF = +2.5V
PD1 = PD0 = 0
10k
100k
1k
1M
f
SAMPLE (Hz)
0.00
0.09
14
0
2
4
6
8
10
12
CS LOW
(GND)
CS HIGH (+V
CC)
T
A = 25°C
+V
CC = +2.7V
V
REF = +2.5V
f
CLK = 24 • fSAMPLE
PD1 = PD0 = 0
FIGURE 7. Ideal Input Voltages and Output Codes.
Data Format
The ADS8341 output data is in straight binary format, as
shown in Figure 7. This figure shows the ideal output code
for the given input voltage and does not include the effects
of offset, gain, or noise.
Operating the ADS8341 in auto power-down mode will
result in the lowest power dissipation, and there is no
conversion time “penalty” on power-up. The very first
conversion will be valid. SHDN can be used to force an
immediate power-down.
0V
FS = Full-Scale Voltage = V
REF
1LSB = V
REF/65,536
FS – 1LSB
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
NOTE(1): Voltage at converter input, after
multiplexer: +IN – (–IN). (See Figure 2.)
Input Voltage(1) (V)
POWER DISSIPATION
There are three power modes for the ADS8341: full power
(PD1 - PD0 = 11B), auto power-down (PD1 - PD0 = 00B),
and shutdown (SHDN LOW). The affects of these modes
varies depending on how the ADS8341 is being operated.
For example, at full conversion rate and 24-clocks per
conversion, there is very little difference between full power
mode and auto power-down, a shutdown (SHDN LOW) will
not lower power dissipation.
When operating at full-speed and 24-clocks per conversion
(as shown in Figure 3), the ADS8341 spends most of its time
acquiring or converting. There is little time for auto power-
down, assuming that this mode is active. Thus, the differ-
ence between full power mode and auto power-down is
negligible. If the conversion rate is decreased by simply
slowing the frequency of the DCLK input, the two modes
remain approximately equal. However, if the DCLK fre-
quency is kept at the maximum rate during a conversion, but
conversion are simply done less often, then the difference
between the two modes is dramatic. Figure 8 shows the
difference between reducing the DCLK frequency (“scal-
ing” DCLK to match the conversion rate) or maintaining
DCLK at the highest frequency and reducing the number of
conversion per second. In the later case, the converter
spends an increasing percentage of its time in power-down
mode (assuming the auto power-down mode is active).
If DCLK is active and CS is LOW while the ADS8341 is in
auto power-down mode, the device will continue to dissipate
some power in the digital logic. The power can be reduced
to a minimum by keeping CS HIGH. The differences in
supply current for these two cases are shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com