Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS8341_14 Datasheet HTML 10Page - Texas Instruments ADS8341_14 Datasheet HTML 11Page - Texas Instruments ADS8341_14 Datasheet HTML 12Page - Texas Instruments ADS8341_14 Datasheet HTML 13Page - Texas Instruments ADS8341_14 Datasheet HTML 14Page - Texas Instruments ADS8341_14 Datasheet HTML 15Page - Texas Instruments ADS8341_14 Datasheet HTML 16Page - Texas Instruments ADS8341_14 Datasheet HTML 17Page - Texas Instruments ADS8341_14 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADS8341
14
SBAS136D
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
900
ns
tDS
DIN Valid Prior to DCLK Rising
50
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
100
ns
tDV
CS Falling to DOUT Enabled
70
ns
tTR
CS Rising to DOUT Disabled
70
ns
tCSS
CS Falling to First DCLK Rising
50
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
150
ns
tCL
DCLK LOW
150
ns
tBD
DCLK Falling to BUSY Rising
100
ns
tBDV
CS Falling to BUSY Enabled
70
ns
tBTR
CS Rising to BUSY Disabled
70
ns
The other method is shown in Figure 5, which uses 32 clock
cycles per conversion; the last seven clock cycles simply
shift out zeros on the DOUT line. BUSY and DOUT go into
a high-impedance state when CS goes high; after the next CS
falling edge, BUSY will go LOW.
Internal Clock Mode
In internal clock mode, the ADS8341 generates its own
conversion clock internally. This relieves the microproces-
sor from having to generate the SAR conversion clock and
allows the conversion result to be read back at the processor’s
convenience, at any clock rate from 0MHz to 2.0MHz.
BUSY goes LOW at the start of conversion and then returns
HIGH when the conversion is complete. During the conver-
sion, BUSY will remain LOW for a maximum of 8
µs. Also,
during the conversion, DCLK should remain LOW to achieve
the best noise performance. The conversion result is stored
in an internal register; the data may be clocked out of this
register any time after the conversion is complete.
If CS is LOW when BUSY goes LOW following a conver-
sion, the next falling edge of the external serial clock will
write out the MSB on the DOUT line. The remaining bits
(D14-D0) will be clocked out on each successive clock cycle
following the MSB. If CS is HIGH when BUSY goes LOW
then the DOUT line will remain in tri-state until CS goes
LOW, as shown in Figure 6. CS does not need to remain
LOW once a conversion has started. Note that BUSY is not
tri-stated when CS goes HIGH in internal clock mode.
Data can be shifted in and out of the ADS8341 at clock rates
exceeding 2.4MHz, provided that the minimum acquisition
time tACQ, is kept above 1.7µs.
Digital Timing
Figure 4 and Tables VI and VII provide detailed timing for
the digital interface of the ADS8341.
TABLE VII. Timing Specifications (+VCC = +4.75V to
+5.25V, TA = –40°C to +85°C, CLOAD = 50pF).
t
ACQ
Acquire
Idle
Conversion
1
DCLK
CS
81
15
DOUT
BUSY
(MSB)
(START)
(LSB)
A2
S
DIN
A1
A0
SGL/
DIF
PD1 PD0
14
13
12
11
10
9
8
7654321
0
81
8
Idle
18
Zero Filled...
t
ACQ
Acquire
Idle
Conversion
1
DCLK
CS
8
9
10
1112
13
1415
16
17
18
19
20
2122
23
24
2526
27
28
29
30
3132
15
DOUT
BUSY
(MSB)
(START)
(LSB)
A2
S
DIN
A1
A0
SGL/
DIF
PD1 PD0
14
13
12
11
10
9
8
7654321
0
Zero Filled...
FIGURE 5. External Clock Mode 32 Clocks Per Conversion.
FIGURE 6. Internal Clock Mode Timing.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
1.5
µs
tDS
DIN Valid Prior to DCLK Rising
100
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
200
ns
tDV
CS Falling to DOUT Enabled
200
ns
tTR
CS Rising to DOUT Disabled
200
ns
tCSS
CS Falling to First DCLK Rising
100
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
200
ns
tCL
DCLK LOW
200
ns
tBD
DCLK Falling to BUSY Rising
200
ns
tBDV
CS Falling to BUSY Enabled
200
ns
tBTR
CS Rising to BUSY Disabled
200
ns
TABLE VI. Timing Specifications (+VCC = +2.7V to 3.6V,
TA = –40°C to +85°C, CLOAD = 50pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com