Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8341_14 Datasheet HTML 7Page - Texas Instruments ADS8341_14 Datasheet HTML 8Page - Texas Instruments ADS8341_14 Datasheet HTML 9Page - Texas Instruments ADS8341_14 Datasheet HTML 10Page - Texas Instruments ADS8341_14 Datasheet HTML 11Page - Texas Instruments ADS8341_14 Datasheet HTML 12Page - Texas Instruments ADS8341_14 Datasheet HTML 13Page - Texas Instruments ADS8341_14 Datasheet HTML 14Page - Texas Instruments ADS8341_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADS8341
11
SBAS136D
THEORY OF OPERATION
The ADS8341 is a classic Successive Approximation Reg-
ister (SAR) A/D converter. The architecture is based on
capacitive redistribution which inherently includes a sample-
and-hold function. The converter is fabricated on a 0.6
µm
CMOS process.
The basic operation of the ADS8341 is shown in Figure 1.
The device requires an external reference and an external
clock. It operates from a single supply of 2.7V to 5.25V.
The external reference can be any voltage between 500mV
and +VCC. The value of the reference voltage directly sets
the input range of the converter. The average reference
input current depends on the conversion rate of the
ADS8341.
The analog input to the converter is differential and is
provided via a four-channel multiplexer. The input can be
provided in reference to a voltage on the COM pin (which
is generally ground) or differentially by using two of the four
input channels (CH0 - CH3). The particular configuration is
selectable via the digital interface.
ANALOG INPUT
Figure 2 shows a block diagram of the input multiplexer on
the ADS8341. The differential input of the converter is
derived from one of the four inputs in reference to the COM
pin or two of the four inputs. Table I and Table II show the
relationship between the A2, A1, A0, and SGL/DIF control
bits and the configuration of the analog multiplexer. The
control bits are provided serially via the DIN pin, see the
Digital Interface section of this data sheet for more details.
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs, as shown in
Figure 2, is captured on the internal capacitor array. The
voltage on the –IN input is limited between –0.2V and
1.25V, allowing the input to reject small signals that are
common to both the +IN and –IN input. The +IN input has
a range of –0.2V to +VCC + 0.2V.
FIGURE 2. Simplified Diagram of the Analog Input.
A2
A1
A0
CH0
CH1
CH2
CH3
COM
001
+IN
–IN
101
–IN
+IN
010
+IN
–IN
110
–IN
+IN
TABLE II. Differential Channel Control (SGL/DIF LOW).
A2
A1
A0
CH0
CH1
CH2
CH3
COM
001
+IN
–IN
101
+IN
–IN
010
+IN
–IN
110
+IN
–IN
TABLE I. Single-Ended Channel Selection (SGL/DIF HIGH).
The input current on the analog inputs depends on the
conversion rate of the device. During the sample period, the
source must charge the internal sampling capacitor (typi-
cally 25pF). After the capacitor has been fully charged, there
is no further input current. The rate of charge transfer from
the analog source to the converter is a function of conver-
sion rate.
FIGURE 1. Basic Operation of the ADS8341.
Converter
+IN
–IN
CH0
CH1
CH2
CH3
COM
A2-A0
(Shown 001
B)
SGL/DIF
(Shown HIGH)
+V
CC
CH0
CH1
CH2
CH3
COM
SHDN
V
REF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DCLK
CS
DIN
BUSY
DOUT
GND
GND
+V
CC
Serial/Conversion Clock
Chip Select
Serial Data In
Serial Data Out
0.1
µF1µF
0.1
µF
+2.7V to +5V
ADS8341
Single-ended
or differential
analog inputs
+
+
1
µF
to
10
µF
External
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com