Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8341_14 Datasheet HTML 2Page - Texas Instruments ADS8341_14 Datasheet HTML 3Page - Texas Instruments ADS8341_14 Datasheet HTML 4Page - Texas Instruments ADS8341_14 Datasheet HTML 5Page - Texas Instruments ADS8341_14 Datasheet HTML 6Page - Texas Instruments ADS8341_14 Datasheet HTML 7Page - Texas Instruments ADS8341_14 Datasheet HTML 8Page - Texas Instruments ADS8341_14 Datasheet HTML 9Page - Texas Instruments ADS8341_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ADS8341
6
SBAS136D
TYPICAL CHARACTERISTICS: +5V (Cont.)
At TA = +25°C, +VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
Output Code
3
2
1
0
–1
–2
–3
INTEGRAL LINEARITY ERROR vs CODE
8000h
FFFFh
0000h
4000h
C000h
Output Code
4
3
2
1
0
–1
–2
DIFFERENTIAL LINEARITY ERROR vs CODE
8000h
FFFFh
0000h
4000h
C000h
CHANGE IN OFFSET vs TEMPERATURE
20
40
60
0
–20
–40
100
80
Temperature (
°C)
1.0
0.50
0.00
–0.50
–1.00
–1.50
CHANGE IN GAIN vs TEMPERATURE
0.40
0.30
0.20
0.10
0.00
–0.10
–0.20
–0.30
20
40
60
0
–20
–40
100
80
Temperature (
°C)
WORST CASE CHANNEL-TO-CHANNEL
OFFSET MATCH vs TEMPERATURE
2.50
2.00
1.50
1.00
0.50
0.00
20
40
60
0
–20
–40
100
80
Temperature (
°C)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
WORST CASE CHANNEL-TO-CHANNEL
GAIN MATCH vs TEMPERATURE
20
40
60
0
–20
–40
100
80
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com