Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8341_14 Datasheet HTML 4Page - Texas Instruments ADS8341_14 Datasheet HTML 5Page - Texas Instruments ADS8341_14 Datasheet HTML 6Page - Texas Instruments ADS8341_14 Datasheet HTML 7Page - Texas Instruments ADS8341_14 Datasheet HTML 8Page - Texas Instruments ADS8341_14 Datasheet HTML 9Page - Texas Instruments ADS8341_14 Datasheet HTML 10Page - Texas Instruments ADS8341_14 Datasheet HTML 11Page - Texas Instruments ADS8341_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADS8341
8
SBAS136D
TYPICAL CHARACTERISTICS: +2.7V
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1.001kHz, –0.2dB)
050
20
10
40
30
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.985kHz, –0.2dB)
050
20
10
40
30
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
90
85
80
75
70
65
60
SNR
SINAD
SPURIOUS-FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
100
90
80
70
60
50
SFDR
THD(1)
(1) First nine harmonics
of the input frequency.
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
15
14
13
12
11
10
9
8
Temperature (
°C)
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
CHANGE IN SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
25
100
–50
–25
0
50
75
f
IN = 9.985kHz, –0.2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com