Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2553_14 Datasheet HTML 1Page - Texas Instruments TLV2553_14 Datasheet HTML 2Page - Texas Instruments TLV2553_14 Datasheet HTML 3Page - Texas Instruments TLV2553_14 Datasheet HTML 4Page - Texas Instruments TLV2553_14 Datasheet HTML 5Page - Texas Instruments TLV2553_14 Datasheet HTML 6Page - Texas Instruments TLV2553_14 Datasheet HTML 7Page - Texas Instruments TLV2553_14 Datasheet HTML 8Page - Texas Instruments TLV2553_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
2
www.ti.com
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
A
20-TSSOP (PW)
20-SOWB (DW)
– 40
°C to 85°C
TLV2553IPW
TLV2553IDW
functional block diagram
14-Channel
Analog
Multiplexer
Reference CTRL
12-to-1
Data
Selector
and Driver
Control Logic
and I/O
Counters
Input Address
Register
4
12
4
REF +
REF –
DATA
OUT
DATA IN
I/O CLOCK
CS
3
EOC
17
15
18
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
1
2
3
4
5
6
7
8
9
11
12
14
13
19
Low Power
12-Bit
SAR ADC
Sample
and Hold
Output Data
Register
12
16
20
VCC
10
GND
Internal OSC
Self Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com