Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 3Page - Texas Instruments TLV2553_14 Datasheet HTML 4Page - Texas Instruments TLV2553_14 Datasheet HTML 5Page - Texas Instruments TLV2553_14 Datasheet HTML 6Page - Texas Instruments TLV2553_14 Datasheet HTML 7Page - Texas Instruments TLV2553_14 Datasheet HTML 8Page - Texas Instruments TLV2553_14 Datasheet HTML 9Page - Texas Instruments TLV2553_14 Datasheet HTML 10Page - Texas Instruments TLV2553_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
7
www.ti.com
timing characteristics over recommended operating free-air temperature range, VREF+ = 5 V,
I/O CLOCK frequency = 15 MHz, VCC = 5 V, load = 25 pF (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration I/O CLOCK high or low
26.7
100000
ns
tsu1
Setup time DATA IN valid before I/O CLOCK rising edge (see Figure 26)
12
ns
th1
Hold time DATA IN valid after I/O CLOCK rising edge (see Figure 26)
0
ns
tsu2
Setup time CS low before first rising I/O CLOCK edge
(see Note 7 and Figure 27)
25
ns
th2
Hold time CS pulse duration high time (see Figure 27)
100
ns
th3
Hold time CS low after last I/O CLOCK falling edge (see Figure 27)
0
ns
th4
Hold time DATA OUT valid after I/O CLOCK falling edge (see Figure 28)
2
ns
th5
Hold time CS high after EOC rising edge when CS is toggled (see Figure 31)
0
ns
td1
Delay time CS falling edge to DATA OUT valid
Load = 25 pF
28
ns
td1
yg
g
(MSB or LSB) (see Figure 25)
Load = 10 pF
20
ns
td2
Delay time CS rising edge to DATA OUT high impedance (see Figure 25)
10
ns
td3
Delay time I/O CLOCK falling edge to next DATA OUT bit valid (see Figure 28)
2
20
ns
td4
Delay time Last I/O CLOCK falling edge to EOC falling edge
55
ns
td5
Delay time last I/O CLOCK falling edge to CS falling edge to abort conversion
1.5
µs
tt1
Transition time I/O CLOCK (see Note 7 and Figure 28)
1
µs
tt2
Transition time DATA OUT (see Figure 28)
5
ns
tt3
Transition time INT/EOC, CL at 7 pF (see Figure 30)
2.4
ns
tt4
Transition time DATA IN, CS
10
µs
tcycle
Total cycle time (sample, conversion and delays) (see Note 7)
MAX(tconvert) +
I/O period
(8/12/16 CLKs)
µs
Source impedance = 25
Ω
600
t
l
Channel acquisition time (sample), at 1 k
Ω
Source impedance = 100
Ω
650
ns
tsample
q(
),
See Figures 33–38 and Note 7
Source impedance = 500
Ω
700
ns
Source impedance = 1 k
Ω
1000
NOTE 7: I/O CLOCK period = 8X [1/(I/O CLOCK frequency)] or 12X [1/(I/O CLOCK frequency)] or 16X [1/(I/O CLOCK frequency)] depends on
I/O format selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com