Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 18Page - Texas Instruments TLV2553_14 Datasheet HTML 19Page - Texas Instruments TLV2553_14 Datasheet HTML 20Page - Texas Instruments TLV2553_14 Datasheet HTML 21Page - Texas Instruments TLV2553_14 Datasheet HTML 22Page - Texas Instruments TLV2553_14 Datasheet HTML 23Page - Texas Instruments TLV2553_14 Datasheet HTML 24Page - Texas Instruments TLV2553_14 Datasheet HTML 25Page - Texas Instruments TLV2553_14 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
22
www.ti.com
PRINCIPLES OF OPERATION
Table 2. Command Set (CMR) and Configuration
SDI D[7:4]
Binary,
HEX
COMMAND
0000b
0001b
0010b
0011b
0100b
0101b
0110b
0111b
1000b
1001b
1010b
1011b
1100b
1101b
1110b
1111b
0h
1h
2h
3h
4h
5h
6h
7h
8h
9h
Ah
Bh
Ch
Dh
Eh
Fh
SELECT analog input channel 0
SELECT analog input channel 1
SELECT analog input channel 2
SELECT analog input channel 3
SELECT analog input channel 4
SELECT analog input channel 5
SELECT analog input channel 6
SELECT analog input channel 7
SELECT analog input channel 8
SELECT analog input channel 9
SELECT analog input channel 10
SELECT TEST,
Voltage = (VREF+ + VREF–)/2
SELECT TEST, Voltage = REFM
SELECT TEST, Voltage = REFP
SW POWERDOWN (analog + reference)
Reserved
CONFIGURATION
CFGR1
SDI
D[3:0]
D[3:2]
D1
D0
01: 8-bit output length
X0: 12-bit output length (see Note)
11: 16-bit output length
0: MSB out first
1: LSB out first
0: Unipolar binary
1: Bipolar 2s complement
NOTE: Select 12-bit output mode to achieve 200 KSPS
sampling rate.
data input—address/command bits
The four MSBs (D7–D4) of the input data register are the address or command. These can be used to address
one of the 11 input channels, address one of three reference-test voltages, or activate software power-down
mode. All address/command bits affect the current conversion, which is the conversion that immediately follows
the current I/O cycle. They also have access to CFGR1 except for command 1111b, which is reserved.
data output length
CFGR1 bits (D3 and D2) of the data register select the output data length. The data-length selection is valid
for the current I/O cycle (the cycle in which the data is read). The data-length selection, being valid for the current
I/O cycle, allows device start-up without losing I/O synchronization. A data length of 8, 12, or 16 bits can be
selected. Since the converter has 12-bit resolution, a data length of 12 bits is suggested.
With D3 and D2 set to 00 or 10, the device is in the 12-bit data-length mode and the result of the current
conversion is output as a 12-bit serial data stream during the next I/O cycle. The current I/O cycle must be exactly
12 bits long for proper synchronization, even when this means corrupting the output data from a previous
conversion. The current conversion is started immediately after the twelfth falling edge of the current I/O cycle.
With bits D3 and D2 set to 11, the 16-bit data-length mode is selected, which allows convenient communication
with 16-bit serial interfaces. In the 16-bit mode, the result of the current conversion is output as a 16-bit serial
data stream during the next I/O cycle with the four LSBs always reset to 0 (pad bits). The current I/O cycle must
be exactly 16 bits long to maintain synchronization even when this means corrupting the output data from the
previous conversion. The current conversion is started immediately after the sixteenth falling edge of the current
I/O cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com