Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 16Page - Texas Instruments TLV2553_14 Datasheet HTML 17Page - Texas Instruments TLV2553_14 Datasheet HTML 18Page - Texas Instruments TLV2553_14 Datasheet HTML 19Page - Texas Instruments TLV2553_14 Datasheet HTML 20Page - Texas Instruments TLV2553_14 Datasheet HTML 21Page - Texas Instruments TLV2553_14 Datasheet HTML 22Page - Texas Instruments TLV2553_14 Datasheet HTML 23Page - Texas Instruments TLV2553_14 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
20
www.ti.com
PRINCIPLES OF OPERATION
detailed description
Initially, with chip select (CS) high, I/O CLOCK and DATA IN are disabled and DATA OUT is in the
high-impedance state. CS going low begins the conversion sequence by enabling I/O CLOCK and DATA IN and
removes DATA OUT from the high-impedance state. The input data is an 8–bit data stream consisting of a 4-bit
address or command (D7–D4) and a 4-bit configuration data (D3–D0). Configuration register 1, CFGR1, which
controls output data format configuration, consists of a 2-bit data length select (D3–D2), an output MSB or LSB
first bit (D1), and a unipolar or bipolar output select bit (D0) that are applied to any command (from DATA IN)
except for command 1111b. The I/O CLOCK sequence applied to the I/O CLOCK terminal transfers this data
to the input data register. During this transfer, the I/O CLOCK sequence also shifts the previous conversion
result from the output data register to DATA OUT. I/O CLOCK receives the input sequence of 8, 12, or 16 clock
cycles long depending on the data-length selection in the input data register. Sampling of the analog input
begins on the fourth falling edge of the input I/O CLOCK sequence and is held after the last falling edge of the
I/O CLOCK sequence. The last falling edge of the I/O CLOCK sequence also takes EOC low and begins the
conversion.
converter operation
The operation of the converter is organized as a succession of three distinct cycles: 1) the data I/O cycle, 2)
the sampling cycle and 3) the conversion cycle. The first two are partially overlapped.
data I/O cycle
The data I/O cycle is defined by the externally provided I/O CLOCK and lasts 8, 12, or 16 clock periods,
depending on the selected output data length. During the I/O cycle, the following two operations take place
simultaneously. An 8-bit data stream consisting of address/command and configuration information is provided
to DATA IN. This data is shifted into the device on the rising edge of the first eight I/O CLOCK clocks. DATA
INPUT is ignored after the first eight clocks during 12- or 16-clock I/O transfers. The data output, with a length
of 8, 12, or 16 bits, is provided serially on DATA OUT. When CS is held low, the first output data bit occurs on
the rising edge of EOC. When CS is toggled between conversions, the first output data bit occurs on the falling
edge of CS. This data is the result of the previous conversion period, and after the first output data bit, each
succeeding bit is clocked out on the falling edge of each succeeding I/O CLOCK.
sampling cycle
During the sampling cycle, one of the analog inputs is internally connected to the capacitor array of the converter
to store the analog input signal. The converter starts sampling the selected input immediately after the four
address/command bits have been clocked into the input data register. Sampling starts on the fourth falling edge
of I/O CLOCK. The converter remains in the sampling mode until the eighth, twelfth, or sixteenth falling edge
of the I/O CLOCK depending on the data-length selection.
After the 8-bit data stream has been clocked in, DATA IN should be held at a fixed digital level until EOC goes
high (indicating that the conversion is complete) to maximize the sampling accuracy and minimize the influence
of external digital noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com