Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 9Page - Texas Instruments TLV2553_14 Datasheet HTML 10Page - Texas Instruments TLV2553_14 Datasheet HTML 11Page - Texas Instruments TLV2553_14 Datasheet HTML 12Page - Texas Instruments TLV2553_14 Datasheet HTML 13Page - Texas Instruments TLV2553_14 Datasheet HTML 14Page - Texas Instruments TLV2553_14 Datasheet HTML 15Page - Texas Instruments TLV2553_14 Datasheet HTML 16Page - Texas Instruments TLV2553_14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
13
www.ti.com
TYPICAL CHARACTERISTICS
Figure 15
0.0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
–40
–25
–10
5
203550
6580
SOFTWARE POWER DOWN
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
Figure 16
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
–40
–25
–10
5
203550
6580
AUTO POWER DOWN
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
Figure 17
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
–25
–10
5
203550
6580
MAXIMUM DIFFERENTIAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
Figure 18
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
–0.00
–40
–25
–10
5
203550
6580
MINIMUM DIFFERENTIAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com