Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 20Page - Texas Instruments TLV2553_14 Datasheet HTML 21Page - Texas Instruments TLV2553_14 Datasheet HTML 22Page - Texas Instruments TLV2553_14 Datasheet HTML 23Page - Texas Instruments TLV2553_14 Datasheet HTML 24Page - Texas Instruments TLV2553_14 Datasheet HTML 25Page - Texas Instruments TLV2553_14 Datasheet HTML 26Page - Texas Instruments TLV2553_14 Datasheet HTML 27Page - Texas Instruments TLV2553_14 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
24
www.ti.com
PRINCIPLES OF OPERATION
C1
0.1
µF
Decoupling Cap
GND
Analog
Supply
Sample
∼50 pF
CDAC
Convert
REF+
REF–
VCC
Figure 39. Reference Block
EOC output
Pin 19 outputs the status of the ADC conversion. When programmed as EOC, the output indicates the beginning
and the end of conversion. In the reset state, EOC is always high. During the sampling period (beginning after
the fourth falling edge of the I/O CLOCK sequence), EOC remains high until the internal sampling switch of the
converter is safely opened. The opening of the sampling switch occurs after the eighth, twelfth, or sixteenth I/O
CLOCK falling edge, depending on the data-length selection in the input data register. After the EOC signal goes
low, the analog input signal can be changed without affecting the conversion result.
The EOC signal goes high again after the conversion is completed and the conversion result is latched into the
output data register. The rising edge of EOC returns the converter to a reset state and a new I/O cycle begins.
On the rising edge of EOC, the first bit of the current conversion result is on DATA OUT when CS is low. When
CS is toggled between conversions, the first bit of the current conversion result occurs on DATA OUT at the
falling edge of CS.
chip-select input (CS)
CS enables and disables the device. During normal operation, CS should be low. Although the use of CS is not
necessary to synchronize a data transfer, it can be brought high between conversions to coordinate the data
transfer of several devices sharing the same bus.
When CS is brought high, the serial-data output is immediately brought to the high-impedance state, releasing
its output data line to other devices that may share it. After an internally generated debounce time, I/O CLOCK
is inhibited, thus preventing any further change in the internal state.
When CS is subsequently brought low again, the device is reset. CS must be held low for an internal debounce
time before the reset operation takes effect. After CS is debounced low, I/O CLOCK must remain inactive (low)
for a minimum time before a new I/O cycle can start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com