Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2553_14 Datasheet HTML 1Page - Texas Instruments TLV2553_14 Datasheet HTML 2Page - Texas Instruments TLV2553_14 Datasheet HTML 3Page - Texas Instruments TLV2553_14 Datasheet HTML 4Page - Texas Instruments TLV2553_14 Datasheet HTML 5Page - Texas Instruments TLV2553_14 Datasheet HTML 6Page - Texas Instruments TLV2553_14 Datasheet HTML 7Page - Texas Instruments TLV2553_14 Datasheet HTML 8Page - Texas Instruments TLV2553_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
4
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Positive reference voltage, Vref+
–0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative reference voltage, Vref–
–0.3 V to VCC +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current, II (any input)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak total input current (all inputs)
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: I
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminal with REF – and GND wired together (unless otherwise noted).
recommended operating conditions
PARAMETERS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
2.7
5.5
V
16-bit I/O
0.01
15
I/O CLOCK frequency
VCC = 4.5 V to 5.5 V
12-bit I/O
0.01
15
MHz
I/O CLOCK frequency
8-bit I/O
0.01
15
MHz
VCC = 2.7 V to 3.6 V
0.01
10
Tolerable clock jitter, I/O CLOCK
VCC = 4.5 V to 5.5 V
0.38
ns
Aperature jitter
VCC = 4.5 V to 5.5 V
100
ps
VCC = 4.5 V to 5.5 V
0
(REF+) – (REF–)
Analog input voltage (see Note 2)
VCC = 3.0 V to 3.6 V
0
(REF+ ) –(REF–)
V
VCC = 2.7 V to 3.0 V
0
(REF+) –(REF–)
High level control input voltage VIH
VCC = 4.5 V to 5.5 V
2.0
V
High-level control input voltage, VIH
VCC = 2.7 V to 3.6 V
2.1
V
Low level control input voltage VIL
VCC = 4.5 V to 5.5 V
0.8
V
Low-level control input voltage, VIL
VCC = 2.7 V to 3.6 V
0.6
V
Operating free-air temperature, TA
TLV2553I
–40
85
°C
NOTE 2: Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than the
voltage applied to REF– convert as all zeros (000000000000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com