Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 2 Page - Texas Instruments

  ADS5463IPFPR Datasheet HTML 1Page - Texas Instruments ADS5463IPFPR Datasheet HTML 2Page - Texas Instruments ADS5463IPFPR Datasheet HTML 3Page - Texas Instruments ADS5463IPFPR Datasheet HTML 4Page - Texas Instruments ADS5463IPFPR Datasheet HTML 5Page - Texas Instruments ADS5463IPFPR Datasheet HTML 6Page - Texas Instruments ADS5463IPFPR Datasheet HTML 7Page - Texas Instruments ADS5463IPFPR Datasheet HTML 8Page - Texas Instruments ADS5463IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ABSOLUTE MAXIMUM RATINGS
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
TEMPERATURE
DESIGNATOR(1)
MARKING
NUMBER
QUANTITY
RANGE
ADS5463IPFP
Tray, 96
HTQFP-80(2)
ADS5463
PFP
–40°C to 85°C
ADS5463I
PowerPAD
ADS5463IPFPR
Tape and reel, 1000
ADS54RF63IPFP
Tray, 96
HTQFP-80(2)
ADS54RF63
PFP
–40°C to 85°C
ADS54RF63I
PowerPAD
ADS54RF63IPFPR
Tape and reel, 1000
(1)
For the most current product and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2)
Thermal pad size: 6.15 mm × 6.15 mm (min), 7.5 mm × 7.5 mm (maximum), see Thermal Pad Addendum located at the end of the data
sheet.
over operating free-air temperature range (unless otherwise noted)
(1)
ADS5463/ADS54RF63
UNIT
AVDD5 to GND
6
Supply voltage
AVDD3 to GND
5
V
DVDD3 to GND
5
AC Signal
–0.3 to (AVDD5 + 0.3)
AIN, AIN to GND(2)
Voltage difference between pin and ground
DC signal, TJ = 105°C
0.4 to 4.4
V
DC signal, TJ = 125°C
1.0 to 3.8
AC Signal
-5.2 to 5.2
AIN to AIN(2)
Voltage difference between these pins
DC Signal, TJ = 105°C
-4.0 to 4.0
V
DC signal, TJ = 125°C
-2.8 to 2.8
AC signal
–0.3 to (AVDD5 + 0.3)
CLK, CLK to GND(2)
Voltage difference between pin and ground
DC signal, TJ = 105°C
0.1 to 4.7
DC signal, TJ = 125°C
1.1 to 3.7
V
AC Signal
-3.3 to 3.3
CLK to CLK(2)
Voltage difference between these pins
DC signal, TJ = 105°C
-3.3 to 3.3
V
DC signal, TJ = 125°C
-2.6 to 2.6
Data output to
LVDS digital outputs
–0.3 to (DVDD3 + 0.3)
V
GND(2)
Operating temperature range
–40 to 85
°C
Maximum junction temperature (max TJ)
150
°C
Storage temperature range
–65 to 150
°C
ESD, human-body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. Kirkendall voidings and current density information for calculation of expected lifetime is available upon
request.
(2)
Valid when supplies are within recommended operating range.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com