Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 34Page - Texas Instruments ADS5463IPFPR Datasheet HTML 35Page - Texas Instruments ADS5463IPFPR Datasheet HTML 36Page - Texas Instruments ADS5463IPFPR Datasheet HTML 37Page - Texas Instruments ADS5463IPFPR Datasheet HTML 38Page - Texas Instruments ADS5463IPFPR Datasheet HTML 39Page - Texas Instruments ADS5463IPFPR Datasheet HTML 40Page - Texas Instruments ADS5463IPFPR Datasheet HTML 41Page - Texas Instruments ADS5463IPFPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Operational Lifetime
TJ − Continuous Junction Temperature − °C
80
90
100 110 120 130 140 150 160 170 180
G053
1
10
1k
100
130
140
150
160
170
180
190
200
TJ − Continuous Junction Temperature − °C
G054
0.1
1
100
10
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
It is important for applications that anticipate running continuously for long periods of time near the
maximum-rated ambient temperature of +85°C to consider the data shown in Figure 68 and Figure 69. Referring
to the Thermal Characteristics table, the worst-case operating condition with no airflow has a thermal rise of
23.7°C/W. At approximately 2.2 W of normal power dissipation, at a maximum ambient of +85°C with no airflow,
the junction temperature of the ADS5463 reaches approximately +85°C + 23.7°C/W × 2.2 W = +137°C and
therefore the expected lifetime is approximately 8 years due to an electro migration failure and 18 years due to a
wirebonding failure. Being even more conservative and accounting for the maximum possible power dissipation
that is ensured (2.4 W), the junction temperature becomes nearly +142°C. As Figure 68 and Figure 69 show, this
operating condition limits the expected lifetime of the ADS5463 even more. Operation at +85°C continuously may
require airflow or an additional heatsink in order to decrease the internal junction temperature and increase the
expected lifetime. An airflow of 250 LFM (linear feet per minute) reduces the thermal resistance to 16.4°C/W, the
maximum junction temperature to +124°C and the expected lifetime to over 10 years, assuming a worst-case of
2.4 W and +85°C ambient. Of course, operation at lower ambient temperatures greatly increases the expected
lifetime.
The ADS5463/ADS54RF63 performance over temperature is quite good and can be seen starting in Figure 19.
Although the typical plots show good performance at +100°C, the device is only rated from –40°C to +85°C. For
continuous operation at temperatures near or above the maximum, aside from performance degradation, the
expected primary negative effect is a shorter device lifetime.
Figure 68. Operating Life Derating Chart, Electro
Figure 69. Operating Life Derating Chart, Wirebound
Migration Fail Mode
Voiding Fail Mode
38
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com