Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 31Page - Texas Instruments ADS5463IPFPR Datasheet HTML 32Page - Texas Instruments ADS5463IPFPR Datasheet HTML 33Page - Texas Instruments ADS5463IPFPR Datasheet HTML 34Page - Texas Instruments ADS5463IPFPR Datasheet HTML 35Page - Texas Instruments ADS5463IPFPR Datasheet HTML 36Page - Texas Instruments ADS5463IPFPR Datasheet HTML 37Page - Texas Instruments ADS5463IPFPR Datasheet HTML 38Page - Texas Instruments ADS5463IPFPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Low-JitterClockDistribution
500MHz
BPF
XFMR
AMP
AMP and/orBPFareOptional
ThisisanExampleBlockDiagram.
ADC
ADS5463
VCO
REF
CDC
(ClockDistributionChip)
CDCM7005
1000MHz(to TransmitDAC)
125MHz(toDSP)
250MHz(toFPGA)
ToOther
BoardMaster
ReferenceClock
(HighorLowJitter)
10MHz
Low-JitterOscillator
1000MHz
LVCMOS
LVPECL
or
LVCMOS
CLKIN
CLKIN
.
.
.
B0268-03
ThisisanExampleBlockDiagram.
Low-JitterClockDistribution
ADC
ADS5463
VCO
REF
CDC
(ClockDistributionChip)
CDCM7005
1000MHz(to TransmitDAC)
125MHz(toDSP)
250MHz(toFPGA)
ToOther
BoardMaster
ReferenceClock
(HighorLowJitter)
10MHz
500MHz
Low-JitterOscillator
1000MHz
LVPECL
LVPECL
or
LVCMOS
CLKIN
CLKIN
.
.
.
B0343-01
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
Consult the CDCM7005 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 65. Optimum Jitter Clock Circuit
Consult the CDCM7005 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 66. Acceptable Jitter Clock Circuit
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com