Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 32Page - Texas Instruments ADS5463IPFPR Datasheet HTML 33Page - Texas Instruments ADS5463IPFPR Datasheet HTML 34Page - Texas Instruments ADS5463IPFPR Datasheet HTML 35Page - Texas Instruments ADS5463IPFPR Datasheet HTML 36Page - Texas Instruments ADS5463IPFPR Datasheet HTML 37Page - Texas Instruments ADS5463IPFPR Datasheet HTML 38Page - Texas Instruments ADS5463IPFPR Datasheet HTML 39Page - Texas Instruments ADS5463IPFPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Digital Outputs
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
The ADC provides 12 LVDS-compatible, offset binary data outputs (D11 to D0; D11 is the MSB and D0 is the
LSB), a data-ready signal (DRY), and an over-range indicator (OVR). It is recommended to use the DRY signal
to capture the output data of the ADS5463/ADS54RF63. DRY is source-synchronous to the DATA/OVR outputs
and operates at the same frequency, creating a half-rate DDR interface that updates data on both the rising and
falling edges of DRY. It is recommended that the capacitive loading on the digital outputs be minimized. Higher
capacitance shortens the data-valid timing window. The values given for timing (see Figure 1) were obtained with
a measured 10-pF parasitic board capacitance to ground on each LVDS line (or 5-pF differential parasitic
capacitance). When setting the time relationship between DRY and DATA at the receiving device, it is generally
recommended that setup time be maximized, but this partially depends on the setup and hold times of the device
receiving the digital data (like an FPGA, Field Programmable Gate Array). Since DRY and DATA are coincident,
it will likely be necessary to delay either DRY or DATA such that setup time is maximized.
Referencing Figure 1, the polarity of DRY with respect to the sample N data output transition is undetermined
because of the unknown startup logic level of the clock divider that generates the DRY signal (DRY is a
frequency divide-by-two of CLK). Either the rising or the falling edge of DRY will be coincident with sample N and
the polarity of DRY could invert when power is cycled off/on. Data capture from the transition and not the polarity
of DRY is recommended, but not required. If the synchronization of multiple ADS5463/ADS54RF63 devices is
required, it might be necessary to use a form of the CLKIN signal rather than DRY to capture the data. Studying
the timing characteristics, it can be seen that the ADS54RF63 offers more tightly controlled timing parameters
than the ADS5463. Depending on the setup/hold requirements of the FPGA in use, it may be possible to use the
DRY from a single ADS54RF63 to latch data into the FPGA from multiple ADS54RF63. This would prove much
more difficult with the ADS5463 at full clock speed due to more restrictive timing parameters.
The DRY frequency is identical on the ADS5463/ADS54RF63 to the ADS5474 (where DRY equals half of the
CLK frequency), but different to the pin-similar ADS5444/ADS5440 (where DRY equals the CLK frequency). The
LVDS outputs all require an external 100-
Ω load between each output pair in order to meet the expected LVDS
voltage levels. For long trace lengths, it may be necessary to place a 100-
Ω load on each digital output as close
to the ADC as possible and another 100-
Ω differential load at the end of the LVDS transmission line to provide
matched impedance and avoid signal reflections. The effective load in this case reduces the LVDS voltage levels
by half.
The OVR output equals a logic high when the 12-bit output word attempts to exceed either all 0s or all 1s. The
digital outputs will clip to all 0s or all 1s if the input is out of range. The OVR signal is provided as an indicator
that the analog input signal exceeded the full-scale input limit of approximately 2.2 VPP (± gain error). The OVR
indicator is provided for systems that use gain control to keep the analog input signal within acceptable limits.
36
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com