Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 16Page - Texas Instruments ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments ADS5463IPFPR Datasheet HTML 19Page - Texas Instruments ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments ADS5463IPFPR Datasheet HTML 21Page - Texas Instruments ADS5463IPFPR Datasheet HTML 22Page - Texas Instruments ADS5463IPFPR Datasheet HTML 23Page - Texas Instruments ADS5463IPFPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
ADS54RF63 TYPICAL CHARACTERISTICS
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75 100 125 150 175 200 225 250 275
G034
SFDR = 79.4 dBc
SINAD = 63.1 dBFS
SNR = 63.2 dBFS
THD = 76.6 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75 100 125 150 175 200 225 250 275
G035
SFDR = 78.2 dBc
SINAD = 63 dBFS
SNR = 63.2 dBFS
THD = 76.5 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75 100 125 150 175 200 225 250 275
G036
SFDR = 71.6 dBc
SINAD = 61.3 dBFS
SNR = 62 dBFS
THD = 68.7 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75 100 125 150 175 200 225 250 275
G037
SFDR = 52.7 dBc
SINAD = 52.2 dBFS
SNR = 60.4 dBFS
THD = 51.9 dBc
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
Typical plots at TA = 25°C, sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 450-MHz INPUT SIGNAL
FFT FOR 650-MHz INPUT SIGNAL
Figure 27.
Figure 28.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 900-MHz INPUT SIGNAL
FFT FOR 1,300-MHz INPUT SIGNAL
Figure 29.
Figure 30.
20
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com