Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 23Page - Texas Instruments ADS5463IPFPR Datasheet HTML 24Page - Texas Instruments ADS5463IPFPR Datasheet HTML 25Page - Texas Instruments ADS5463IPFPR Datasheet HTML 26Page - Texas Instruments ADS5463IPFPR Datasheet HTML 27Page - Texas Instruments ADS5463IPFPR Datasheet HTML 28Page - Texas Instruments ADS5463IPFPR Datasheet HTML 29Page - Texas Instruments ADS5463IPFPR Datasheet HTML 30Page - Texas Instruments ADS5463IPFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
R
50
0
W
Z
50
0
W
ADS5463
AIN
AIN
S0176-03
R
200 W
ACSignal
Source
Mini-Circuits
JTX-4-10T
ADS5463
THS9001
AIN
AIN
VIN
VIN
THS9001
S0177-03
1000pF
1000pF
39pF
50 W
50 W
0.1 F
m
1000pF
1000pF
18 H
m
18pF
AIN
AIN
VREF
ADS5463
+5V
THS4509
CM
348 W
348 W
100 W
100 W
78.9 W
78.9 W
49.9 W
VIN
From
50
Source
W
49.9 W
49.9 W
49.9 W
0.1 F
m
0.1 F
m
0.22 F
m
0.22 F
m
0.22 F
m
S0193-02
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
The ADS5463/ADS54RF63 obtains optimum performance when the analog inputs are driven differentially. The
circuit in Figure 49 shows one possible configuration using an RF transformer with termination either on the
primary or on the secondary of the transformer. In addition, the evaluation module is configured with two
back-to-back transformers, which also demonstrates good performance. If voltage gain is required, a step-up
transformer can be used.
Figure 49. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
In addition to the transformer configurations, an RF gain-block amplifier, such as the Texas Instruments
THS9001, can also be used for high-input-frequency applications. For large voltage gains at intermediate
frequencies in the 50-MHz – 350-MHz range, the configuration shown in Figure 50 can be used. The component
values can be tuned for different intermediate frequencies. The example shown is located on the evaluation
module and is tuned for an IF of 170 MHz. More information regarding this configuration can be found in the
ADS5463 EVM User Guide (SLAU194) and the THS9001 50 MHz to 350 MHz Cascadeable Amplifier data sheet
(SLOS426).
Figure 50. Using the THS9001 IF Amplifier with the ADS5463/ADS54RF63
Figure 51. Using the THS4509 with the ADS5463/ADS54RF63
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com