Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 25Page - Texas Instruments ADS5463IPFPR Datasheet HTML 26Page - Texas Instruments ADS5463IPFPR Datasheet HTML 27Page - Texas Instruments ADS5463IPFPR Datasheet HTML 28Page - Texas Instruments ADS5463IPFPR Datasheet HTML 29Page - Texas Instruments ADS5463IPFPR Datasheet HTML 30Page - Texas Instruments ADS5463IPFPR Datasheet HTML 31Page - Texas Instruments ADS5463IPFPR Datasheet HTML 32Page - Texas Instruments ADS5463IPFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
External Voltage Reference
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
For systems that require the analog signal gain to be adjusted or calibrated, this can be performed by using an
external reference. The dependency on the signal amplitude to the value of the external reference voltage is
characterized typically by Figure 53 (VREF = 2.4 V is normalized to 0 dB as this is the internal reference
voltage). (This figure is the average gain adjustment from the data collected from -1dBFS to -6dBFS in 1 dB
steps.) As can be seen in the linear fit, this equates to approximately –0.3 dB of signal adjustment per 100 mV of
reference adjustment. The range of allowable variation depends on the analog input amplitude that is applied to
the inputs and the desired spectral performance, as can be seen in the performance versus external reference
graphs in Figure 54 and Figure 55. As the applied analog signal amplitude is reduced, more variation in the
reference voltage is allowed in the positive direction (which equates to a reduction in signal amplitude), whereas
an adjustment in reference voltage below the nominal 2.4 V (which equates to an increase in signal amplitude) is
not recommended below approximately 2.35 V. The power consumption versus reference voltage and operating
temperature should also be considered, especially at high ambient temperatures, because the lifetime of the
device is affected by internal junction temperature, see Figure 68.
The ADS5463/ADS54RF63 does not have a VCM output pin and uses the VREF pin to provide the
common-mode voltage in dc-coupled applications. The ADS5463/ADS54RF63 (VCM = 2.4 V) and ADS5474
(VCM = 3.1 V) do not have the same common-mode voltage, but they do share the same approximate VREF
(2.4 V). To create a board layout that may accommodate both devices in dc-coupled applications, route the VCM
of the ADS5474 and the VREF of the ADS5463/ADS54RF63 both to a common point that can be selected via a
switch, jumper, or a 0-
Ω resistor to be used as the common-mode voltage of the driving circuit.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com