Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 9Page - STMicroelectronics STCF04TBR Datasheet HTML 10Page - STMicroelectronics STCF04TBR Datasheet HTML 11Page - STMicroelectronics STCF04TBR Datasheet HTML 12Page - STMicroelectronics STCF04TBR Datasheet HTML 13Page - STMicroelectronics STCF04TBR Datasheet HTML 14Page - STMicroelectronics STCF04TBR Datasheet HTML 15Page - STMicroelectronics STCF04TBR Datasheet HTML 16Page - STMicroelectronics STCF04TBR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
STCF04
Electrical characteristics
Doc ID 022927 Rev 3
13/43
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ν
Efficiency of the
converter
VIN=3.7 V, VDC_0,1=1, IDC0=1
85
%
Efficiency in Torch mode
operation
VIN=2.7 V to 4.2 V, IDC_0=1,
TCHV_H=1 ITORCH=320 mA
50
VIN=2.7 V to 4.2 V, IDC_0=1,
TCHV_H=0 ITORCH=320 mA
70
VSUPHYST
SuperCap regulated
voltage hysteresis
VSUPMAX=5.5 V, VSUPMIN=5.5 V-
VSUPHYST, TCHV_H=1 or
FLASH_ON=1
1.3
V
VSUPMAX=5.0 V, VSUPMIN=5.0 V-
VSUPHYST, TCHV_H=1 or
FLASH_ON=1
0.8
VSUPMAX=4.5 V, VSUPMIN=4.5 V-
VSUPHYST, TCHV_H=1 or
FLASH_ON=1
0.3
VSUPMAX=4.2 V, VSUPMIN=4.2 V-
VSUPHYST, TCHV_H=0
0.2
VMONIREADY
SuperCap voltage ready
hysteresis
PWR_ON=0, VDC_0 or/and VDC_1=1
0.2
V
OTP
Overtemperature
protection
VIN=5.5 V
140
C
OTHYST
Overtemperature
hysteresis
VIN=5.5 V
20
C
V_NTCW
NTC threshold warning
Idle mode, INTC=2 mA max.
0.56
V
V_NTCH
NTC threshold hot
Idle mode, INTC=2 mA max.
1.2
V
VOL
Output logic signal level
low ATN, READY
IATN, READY=+10 mA
0.3
V
IOZ
Output logic leakage
current ATN, READY
VATN, READY =3.3 V
1
mA
VIL
Input logic signal level
SCL, SDA, TEST,
RESET, SCHRG,
FLASH, TORCH, ADD
VIN=2.7 V to 5.5 V
00.4
V
VIH
1.4
3.0
ILSCON
Input reset current
VIN=2.7 V to 5.5 V, VREF=1.6 V
10
mA
VLSIN
Analog input signal
range
VIN=2.7 V to 5.5 V
0.1
1.6
V
VDRIVE
MOSFET driver output
Source: IDRIVE = -8 mA
4.27
V
Sink: IDRIVE = +8 mA
1.05
V
Reference voltage
range
EXT_REG=1 (1)
0.12
1.2
V
TON
LED current rise time
ILED=0 to ILED=max.
Flash triggered by external trig
0.3
ms
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com