Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 23Page - STMicroelectronics STCF04TBR Datasheet HTML 24Page - STMicroelectronics STCF04TBR Datasheet HTML 25Page - STMicroelectronics STCF04TBR Datasheet HTML 26Page - STMicroelectronics STCF04TBR Datasheet HTML 27Page - STMicroelectronics STCF04TBR Datasheet HTML 28Page - STMicroelectronics STCF04TBR Datasheet HTML 29Page - STMicroelectronics STCF04TBR Datasheet HTML 30Page - STMicroelectronics STCF04TBR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
STCF04
Description of the internal registers
Doc ID 022927 Rev 3
27/43
9.5
Feature (FTR_REG) 04(hex)
LS_0~2: these 3 bits define the value of the internal reference voltage for the light sensor
comparator. The EN_LS bit must be set to 1 to activate the internal reference for the light
sensor comparator.
EN_LS: this bit enables the light sensor function when set HIGH.
VDC_0~1: these 2 bits define the output voltage of the DC-DC converter.
Note:
See Section 10.4.
IDC_0: this bit defines the peak current limit value of the DC-DC converter.
Table 18.
Status register details
Bit name
F_RUN
(STAT_REG)
FL_R
NTC_W
(STAT_REG)
NTC_H
(STAT_REG)
OT_F
(STAT_REG)
FL_OVR
LTH
Default value
0
0
0
0
0
0
0
Latched (1)
NO
NO
YES
YES
YES
NO
NO
Forces Idle
mode when set
NO
NO
NO
YES
YES
NO
NO
Sets ATN LOW
when set
NO
YES
YES
YES
YES
YES
NO
1.
YES means that the bit is set by internal signals and is reset to default by an I²C read operation of STAT_REG. NO means
that the bit is set and reset by internal signals in real-time.
Table 19.
Feature register
LS_REG
(Write mode)
MSB
LSB
SUB ADD=04
IDC_0
N/A
VDC_1
VDC_0
EN_LS
LS_2
LS_1
LS_0
Power-ON, Shutdown
mode RESET value
0
0000000
Table 20.
Light sensor reference dimming register settings
LS_DIM(hex)
012
3
4
5
6
7
LSREF[mV]
200
400
600
800
1000
1200
1400
1600
Table 21.
DC-DC converter output voltages (VOUT)
VDC_1
VDC_0
VOUT
00
4.5 V
01
5.0 V
10
5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com