Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 16Page - STMicroelectronics STCF04TBR Datasheet HTML 17Page - STMicroelectronics STCF04TBR Datasheet HTML 18Page - STMicroelectronics STCF04TBR Datasheet HTML 19Page - STMicroelectronics STCF04TBR Datasheet HTML 20Page - STMicroelectronics STCF04TBR Datasheet HTML 21Page - STMicroelectronics STCF04TBR Datasheet HTML 22Page - STMicroelectronics STCF04TBR Datasheet HTML 23Page - STMicroelectronics STCF04TBR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Detailed description
STCF04
20/43
Doc ID 022927 Rev 3
- A sequence of data n* (1 byte + acknowledge)
- A STOP condition (STOP)
The register address byte determines the first register in which the read or write operation
takes place. When the read or write operation is finished, the register address is
automatically incremented.
8.1.13
Writing to a single register
Writing to a single register starts with a START bit followed by the 7-bit device address of the
STCF04. The 8th bit is the R/W bit, which is 0 in this case. R/W = 1 means a reading
operation. The master then waits for an acknowledgement from the STCF04. The 8-bit
register address is then sent to the STCF04. It is also followed by an acknowledge pulse.
The last transmitted byte is the data to be written to the register. It is again followed by an
acknowledge pulse from the STCF04. The master then generates a STOP bit and the
communication is over. See
Figure 9 below.
Figure 9.
Writing to a single register
8.1.14
Writing to multiple registers with incremental addressing
It would be impractical to send the device address and the address of the register when
writing to multiple registers several times. The STCF04 supports writing to multiple registers
with incremental addressing. When data is written to a register, the address register is
automatically incremented, so the next data can be sent without sending the device address
and the register address again. See
Figure 10 below.
Table 8.
Interface protocol
Device address + R/W bit
Register address
Data
765
4
3210
76
5
4
321
0
765
4
3210
S
T
A
R
T
M
S
B
L
S
B
R
W
A
C
K
M
S
B
L
S
B
A
C
K
M
S
B
L
S
B
A
C
K
S
T
O
P
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
SDA LINE
AM11863v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com