Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap??driver with I짼C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 19Page - STMicroelectronics STCF04TBR Datasheet HTML 20Page - STMicroelectronics STCF04TBR Datasheet HTML 21Page - STMicroelectronics STCF04TBR Datasheet HTML 22Page - STMicroelectronics STCF04TBR Datasheet HTML 23Page - STMicroelectronics STCF04TBR Datasheet HTML 24Page - STMicroelectronics STCF04TBR Datasheet HTML 25Page - STMicroelectronics STCF04TBR Datasheet HTML 26Page - STMicroelectronics STCF04TBR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
STCF04
Description of the internal registers
Doc ID 022927 Rev 3
23/43
9
Description of the internal registers
Note:
All the registers can be read only when the PWR_ON bit is 1. Reading any register when
PWR_ON = 0, gives 0 regardless of the real value of the register. This concerns command
and feature registers in Monitoring mode and Shutdown + NTC mode.
9.1
Commands (CMD_REG) 00(hex)
9.1.1
PWR_ON
When set, it activates all analog and power internal blocks including the NTC supporting
circuit, and the device is ready to operate (Idle mode). As long as PWR_ON=0, only the I²C
interface is active, minimizing Shutdown mode power consumption.
9.1.2
FLASH_ON
This bit is AND-ed with the FLASH pin to generate the internal signal FL_ON that activates
Flash mode. In this way, both soft-triggering and hard-triggering of the flash are possible. If
soft-triggering (through I²C) is chosen, the FLASH pin is not used and must be kept HIGH
(tied to VBAT). If hard-triggering is chosen, then the FLASH pin must be connected to a
microprocessor I/O devoted to flash timing control, and the FLASH_ON bit must be set in
advance. Both triggering modes can benefit from the internal flash time counter, which uses
the FLASH_ON bit and can work either as a safety shutdown timer or as a flash duration
timer. Flash mode can start only if PWR_ON=1. The LED current is controlled by the value
set by the FDIM_0~2 of the DIM_REG.
9.1.3
TCH_ON
Torch on: when set to 1 from Idle mode, the STCF04 enters Torch mode. The LED current is
controlled by the value set by the TDIM_0~3 of the TORCH_REG.
Table 9.
I²C register mapping
Register name
SUB address (hex)
Operation
Description
CMD_REG
00
R / W
Commands
FL_REG
01
R / W
Flash register
AUX_REG
02
R / W
Auxiliary LED
STAT_REG
03
R only
Status register
FTR_REG
04
R / W
Features
TRCH_REG
05
R / W
Torch register
Table 10.
Command register
CMD_REG
(Write mode)
MSB
LSB
SUB ADD=00
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
Power-ON
RESET value
0
0
0
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com